Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 240 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 240 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 236Page - SMSC Corporation LAN9312 Datasheet HTML 237Page - SMSC Corporation LAN9312 Datasheet HTML 238Page - SMSC Corporation LAN9312 Datasheet HTML 239Page - SMSC Corporation LAN9312 Datasheet HTML 240Page - SMSC Corporation LAN9312 Datasheet HTML 241Page - SMSC Corporation LAN9312 Datasheet HTML 242Page - SMSC Corporation LAN9312 Datasheet HTML 243Page - SMSC Corporation LAN9312 Datasheet HTML 244Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
240
SMSC LAN9312
DATASHEET
14.2.6.8
Switch Fabric CSR Interface Direct Data Register (SWITCH_CSR_DIRECT_DATA)
This write-only register set is used to perform directly addressed write operations to the Switch Fabric
CSR’s. Using this set of registers, writes can be directly addressed to select Switch Fabric registers,
as specified in Table 14.3.
Writes within the Switch Fabric CSR Interface Direct Data Register (SWITCH_CSR_DIRECT_DATA)
address range automatically set the appropriate address, set the four byte enable bits, clear the R/nW
bit and set the Busy bit in the Switch Fabric CSR Interface Command Register (SWITCH_CSR_CMD).
The completion of the write cycle is indicated when the Busy bit is cleared. The address that is set in
the Switch Fabric CSR Interface Command Register (SWITCH_CSR_CMD) is mapped via Table 14.3.
For more information on this method of writing to the Switch Fabric CSR’s, refer to Section 6.2.3, "Flow
Control Enable Logic," on page 58.
Note:
This set of registers is for write operations only. Reads can be performed via the Switch Fabric
CSR Interface Command Register (SWITCH_CSR_CMD) and Switch Fabric CSR Interface
Data Register (SWITCH_CSR_DATA) registers only.
Offset:
200h - 2DCh
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Switch CSR Data (CSR_DATA)
This field contains the value to be written to the corresponding Switch Fabric
register.
WO
00000000h
Table 14.3 Switch Fabric CSR to SWITCH_CSR_DIRECT_DATA Address Range Map
REGISTER NAME
SWITCH FABRIC CSR
REGISTER #
SWITCH_CSR_DIRECT_DATA
ADDRESS
General Switch CSRs
SW_RESET
0001h
200h
SW_IMR
0004h
204h
Switch Port 0 CSRs
MAC_RX_CFG_MII
0401h
208h
MAC_TX_CFG_MII
0440h
20Ch
MAC_TX_FC_SETTINGS_MII
0441h
210h
MAC_IMR_MII
0480h
214h
Switch Port 1 CSRs
MAC_RX_CFG_1
0801h
218h
MAC_TX_CFG_1
0840h
21Ch
MAC_TX_FC_SETTINGS_1
0841h
220h
MAC_IMR_1
0880h
224h
Switch Port 2 CSRs
MAC_RX_CFG_2
0C01h
228h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com