Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 244 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 244 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 240Page - SMSC Corporation LAN9312 Datasheet HTML 241Page - SMSC Corporation LAN9312 Datasheet HTML 242Page - SMSC Corporation LAN9312 Datasheet HTML 243Page - SMSC Corporation LAN9312 Datasheet HTML 244Page - SMSC Corporation LAN9312 Datasheet HTML 245Page - SMSC Corporation LAN9312 Datasheet HTML 246Page - SMSC Corporation LAN9312 Datasheet HTML 247Page - SMSC Corporation LAN9312 Datasheet HTML 248Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
244
SMSC LAN9312
DATASHEET
14.2.7.2
PHY Management Interface Access Register (PMI_ACCESS)
This register is used to control the management cycles to the PHYs. A PHY access is initiated when
this register is written. This register is used in conjunction with the PHY Management Interface Data
Register (PMI_DATA) to perform write operations to the PHYs.
Note:
This register is only accessible by the EEPROM Loader and NOT by the Host bus. Refer to
Section 10.2.4, "EEPROM Loader," on page 149 for additional information.
Offset:
0A8h
EEPROM Loader
Access Only
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15:11
PHY Address (PHY_ADDR)
These bits select the PHY device being accessed. Refer to Section 7.1.1,
"PHY Addressing," on page 82 for information on PHY address
assignments.
WO
00000b
10:6
MII Register Index (MIIRINDA)
These bits select the desired MII register in the PHY. Refer to Section 14.4,
"Ethernet PHY Control and Status Registers," on page 286 for detailed
descriptions on all PHY registers.
WO
00000b
5:2
RESERVED
RO
-
1
RESERVED
Note:
This bit must always be written with a value of 1.
WO
0b
0
RESERVED
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com