Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 308 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 308 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 304Page - SMSC Corporation LAN9312 Datasheet HTML 305Page - SMSC Corporation LAN9312 Datasheet HTML 306Page - SMSC Corporation LAN9312 Datasheet HTML 307Page - SMSC Corporation LAN9312 Datasheet HTML 308Page - SMSC Corporation LAN9312 Datasheet HTML 309Page - SMSC Corporation LAN9312 Datasheet HTML 310Page - SMSC Corporation LAN9312 Datasheet HTML 311Page - SMSC Corporation LAN9312 Datasheet HTML 312Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
308
SMSC LAN9312
DATASHEET
14.5
Switch Fabric Control and Status Registers
This section details the various LAN9312 switch control and status registers that reside within the
switch fabric. The switch control and status registers allow configuration of each individual switch port,
the switch engine, and buffer manager. Switch fabric related interrupts and resets are also controlled
and monitored via the switch CSRs.
The switch CSRs are not memory mapped. All switch CSRs are accessed indirectly via the Switch
Fabric CSR Interface Command Register (SWITCH_CSR_CMD), Switch Fabric CSR Interface Data
Register (SWITCH_CSR_DATA), and Switch Fabric CSR Interface Direct Data Register
(SWITCH_CSR_DIRECT_DATA) in the system CSR memory mapped address space. All accesses to
the switch CSRs must be performed through these registers. Refer to Section 14.2.6, "Switch Fabric"
for additional information.
Note:
The flow control settings of the switch ports are configured via the Switch Fabric registers: Port
1 Manual Flow Control Register (MANUAL_FC_1), Port 2 Manual Flow Control Register
(MANUAL_FC_2), and Port 0(Host MAC) Manual Flow Control Register (MANUAL_FC_MII)
located in the system CSR address space.
Table 14.12 lists the Switch CSRs and their corresponding addresses in order. The switch fabric
registers can be categorized into the following sub-sections:
Section 14.5.1, "General Switch CSRs," on page 319
Section 14.5.2, "Switch Port 0, Port 1, and Port 2 CSRs," on page 323
Section 14.5.3, "Switch Engine CSRs," on page 367
Section 14.5.4, "Buffer Manager CSRs," on page 412
Table 14.12 Indirectly Accessible Switch Control and Status Registers
REGISTER #
SYMBOL
REGISTER NAME
General Switch CSRs
0000h
SW_DEV_ID
Switch Device ID Register, Section 14.5.1.1
0001h
SW_RESET
Switch Reset Register, Section 14.5.1.2
0002h-0003h
RESERVED
Reserved for Future Use
0004h
SW_IMR
Switch Global Interrupt Mask Register, Section 14.5.1.3
0005h
SW_IPR
Switch Global Interrupt Pending Register, Section 14.5.1.4
0006h-03FFh
RESERVED
Reserved for Future Use
Switch Port 0 CSRs
0400h
MAC_VER_ID_MII
Port 0 MAC Version ID Register, Section 14.5.2.1
0401h
MAC_RX_CFG_MII
Port 0 MAC Receive Configuration Register, Section 14.5.2.2
0402h-040Fh
RESERVED
Reserved for Future Use
0410h
MAC_RX_UNDSZE_CNT_MII
Port 0 MAC Receive Undersize Count Register,
Section 14.5.2.3
0411h
MAC_RX_64_CNT_MII
Port 0 MAC Receive 64 Byte Count Register, Section 14.5.2.4
0412h
MAC_RX_65_TO_127_CNT_MII
Port 0 MAC Receive 65 to 127 Byte Count Register,
Section 14.5.2.5
0413h
MAC_RX_128_TO_255_CNT_MII
Port 0 MAC Receive 128 to 255 Byte Count Register,
Section 14.5.2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com