Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 310 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 310 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 306Page - SMSC Corporation LAN9312 Datasheet HTML 307Page - SMSC Corporation LAN9312 Datasheet HTML 308Page - SMSC Corporation LAN9312 Datasheet HTML 309Page - SMSC Corporation LAN9312 Datasheet HTML 310Page - SMSC Corporation LAN9312 Datasheet HTML 311Page - SMSC Corporation LAN9312 Datasheet HTML 312Page - SMSC Corporation LAN9312 Datasheet HTML 313Page - SMSC Corporation LAN9312 Datasheet HTML 314Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
310
SMSC LAN9312
DATASHEET
0455h
MAC_TX_65_TO_127_CNT_MII
Port 0 MAC Transmit 65 to 127 Byte Count Register,
Section 14.5.2.29
0456h
MAC_TX_128_TO_255_CNT_MII
Port 0 MAC Transmit 128 to 255 Byte Count Register,
Section 14.5.2.30
0457h
MAC_TX_256_TO_511_CNT_MII
Port 0 MAC Transmit 256 to 511 Byte Count Register,
Section 14.5.2.31
0458h
MAC_TX_512_TO_1023_CNT_MII
Port 0 MAC Transmit 512 to 1023 Byte Count Register,
Section 14.5.2.32
0459h
MAC_TX_1024_TO_MAX_CNT_MII
Port 0 MAC Transmit 1024 to Max Byte Count Register,
Section 14.5.2.33
045Ah
MAC_TX_UNDSZE_CNT_MII
Port 0 MAC Transmit Undersize Count Register,
Section 14.5.2.34
045Bh
RESERVED
Reserved for Future Use
045Ch
MAC_TX_PKTLEN_CNT_MII
Port 0 MAC Transmit Packet Length Count Register,
Section 14.5.2.35
045Dh
MAC_TX_BRDCST_CNT_MII
Port 0 MAC Transmit Broadcast Count Register,
Section 14.5.2.36
045Eh
MAC_TX_MULCST_CNT_MII
Port 0 MAC Transmit Multicast Count Register,
Section 14.5.2.37
045Fh
MAC_TX_LATECOL_MII
Port 0 MAC Transmit Late Collision Count Register,
Section 14.5.2.38
0460h
MAC_TX_EXCOL_CNT_MII
Port 0 MAC Transmit Excessive Collision Count Register,
Section 14.5.2.39
0461h
MAC_TX_SNGLECOL_CNT_MII
Port 0 MAC Transmit Single Collision Count Register,
Section 14.5.2.40
0462h
MAC_TX_MULTICOL_CNT_MII
Port 0 MAC Transmit Multiple Collision Count Register,
Section 14.5.2.41
0463h
MAC_TX_TOTALCOL_CNT_MII
Port 0 MAC Transmit Total Collision Count Register,
Section 14.5.2.42
0464-047Fh
RESERVED
Reserved for Future Use
0480h
MAC_IMR_MII
Port 0 MAC Interrupt Mask Register, Section 14.5.2.43
0481h
MAC_IPR_MII
Port 0 MAC Interrupt Pending Register, Section 14.5.2.44
0482h-07FFh
RESERVED
Reserved for Future Use
Switch Port 1 CSRs
0800h
MAC_VER_ID_1
Port 1 MAC Version ID Register, Section 14.5.2.1
0801h
MAC_RX_CFG_1
Port 1 MAC Receive Configuration Register, Section 14.5.2.2
0802h-080Fh
RESERVED
Reserved for Future Use
0810h
MAC_RX_UNDSZE_CNT_1
Port 1 MAC Receive Undersize Count Register,
Section 14.5.2.3
0811h
MAC_RX_64_CNT_1
Port 1 MAC Receive 64 Byte Count Register, Section 14.5.2.4
Table 14.12 Indirectly Accessible Switch Control and Status Registers (continued)
REGISTER #
SYMBOL
REGISTER NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com