| Electronic Components Datasheet Search |
|
LAN9312 Datasheet(PDF) 313 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9312 Datasheet(HTML) 313 Page - SMSC Corporation |
|
313 / 458 page ![]() High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface Datasheet SMSC LAN9312 313 Revision 1.2 (04-08-08) DATASHEET 0C10h MAC_RX_UNDSZE_CNT_2 Port 2 MAC Receive Undersize Count Register, Section 14.5.2.3 0C11h MAC_RX_64_CNT_2 Port 2 MAC Receive 64 Byte Count Register, Section 14.5.2.4 0C12h MAC_RX_65_TO_127_CNT_2 Port 2 MAC Receive 65 to 127 Byte Count Register, Section 14.5.2.5 0C13h MAC_RX_128_TO_255_CNT_2 Port 2 MAC Receive 128 to 255 Byte Count Register, Section 14.5.2.6 0C14h MAC_RX_256_TO_511_CNT_2 Port 2 MAC Receive 256 to 511 Byte Count Register, Section 14.5.2.7 0C15h MAC_RX_512_TO_1023_CNT_2 Port 2 MAC Receive 512 to 1023 Byte Count Register, Section 14.5.2.8 0C16h MAC_RX_1024_TO_MAX_CNT_2 Port 2 MAC Receive 1024 to Max Byte Count Register, Section 14.5.2.9 0C17h MAC_RX_OVRSZE_CNT_2 Port 2 MAC Receive Oversize Count Register, Section 14.5.2.10 0C18h MAC_RX_PKTOK_CNT_2 Port 2 MAC Receive OK Count Register, Section 14.5.2.11 0C19h MAC_RX_CRCERR_CNT_2 Port 2 MAC Receive CRC Error Count Register, Section 14.5.2.12 0C1Ah MAC_RX_MULCST_CNT_2 Port 2 MAC Receive Multicast Count Register, Section 14.5.2.13 0C1Bh MAC_RX_BRDCST_CNT_2 Port 2 MAC Receive Broadcast Count Register, Section 14.5.2.14 0C1Ch MAC_RX_PAUSE_CNT_2 Port 2 MAC Receive Pause Frame Count Register, Section 14.5.2.15 0C1Dh MAC_RX_FRAG_CNT_2 Port 2 MAC Receive Fragment Error Count Register, Section 14.5.2.16 0C1Eh MAC_RX_JABB_CNT_2 Port 2 MAC Receive Jabber Error Count Register, Section 14.5.2.17 0C1Fh MAC_RX_ALIGN_CNT_2 Port 2 MAC Receive Alignment Error Count Register, Section 14.5.2.18 0C20h MAC_RX_PKTLEN_CNT_2 Port 2 MAC Receive Packet Length Count Register, Section 14.5.2.19 0C21h MAC_RX_GOODPKTLEN_CNT_2 Port 2 MAC Receive Good Packet Length Count Register, Section 14.5.2.20 0C22h MAC_RX_SYMBL_CNT_2 Port 2 MAC Receive Symbol Error Count Register, Section 14.5.2.21 0C23h MAC_RX_CTLFRM_CNT_2 Port 2 MAC Receive Control Frame Count Register, Section 14.5.2.22 0C24h-0C3Fh RESERVED Reserved for Future Use 0C40h MAC_TX_CFG_2 Port 2 MAC Transmit Configuration Register, Section 14.5.2.23 0C41h MAC_TX_FC_SETTINGS_2 Port 2 MAC Transmit Flow Control Settings Register, Section 14.5.2.24 0C42h-0C50h RESERVED Reserved for Future Use Table 14.12 Indirectly Accessible Switch Control and Status Registers (continued) REGISTER # SYMBOL REGISTER NAME |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |