| Electronic Components Datasheet Search |
|
LAN9312 Datasheet(PDF) 317 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9312 Datasheet(HTML) 317 Page - SMSC Corporation |
|
317 / 458 page ![]() High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface Datasheet SMSC LAN9312 317 Revision 1.2 (04-08-08) DATASHEET 1C03h BM_FC_RESUME_LVL Buffer Manager Flow Control Resume Level Register, Section 14.5.4.4 1C04h BM_BCST_LVL Buffer Manager Broadcast Buffer Level Register, Section 14.5.4.5 1C05h BM_DRP_CNT_SRC_MII Buffer Manager Port 0 Drop Count Register, Section 14.5.4.6 1C06h BM_DRP_CNT_SRC_1 Buffer Manager Port 1 Drop Count Register, Section 14.5.4.7 1C07h BM_DRP_CNT_SRC_2 Buffer Manager Port 2 Drop Count Register, Section 14.5.4.8 1C08h BM_RST_STS Buffer Manager Reset Status Register, Section 14.5.4.9 1C09h BM_RNDM_DSCRD_TBL_CMD Buffer Manager Random Discard Table Command Register, Section 14.5.4.10 1C0Ah BM_RNDM_DSCRD_TBL_WDATA Buffer Manager Random Discard Table Write Data Register, Section 14.5.4.11 1C0Bh BM_RNDM_DSCRD_TBL_RDATA Buffer Manager Random Discard Table Read Data Register, Section 14.5.4.12 1C0Ch BM_EGRSS_PORT_TYPE Buffer Manager Egress Port Type Register, Section 14.5.4.13 1C0Dh BM_EGRSS_RATE_00_01 Buffer Manager Port 0 Egress Rate Priority Queue 0/1 Register, Section 14.5.4.14 1C0Eh BM_EGRSS_RATE_02_03 Buffer Manager Port 0 Egress Rate Priority Queue 2/3 Register, Section 14.5.4.15 1C0Fh BM_EGRSS_RATE_10_11 Buffer Manager Port 1 Egress Rate Priority Queue 0/1 Register, Section 14.5.4.16 1C10h BM_EGRSS_RATE_12_13 Buffer Manager Port 1 Egress Rate Priority Queue 2/3 Register, Section 14.5.4.17 1C11h BM_EGRSS_RATE_20_21 Buffer Manager Port 2 Egress Rate Priority Queue 0/1 Register, Section 14.5.4.18 1C12h BM_EGRSS_RATE_22_23 Buffer Manager Port 2 Egress Rate Priority Queue 2/3 Register, Section 14.5.4.19 1C13h BM_VLAN_MII Buffer Manager Port 0 Default VLAN ID and Priority Register, Section 14.5.4.20 1C14h BM_VLAN_1 Buffer Manager Port 1 Default VLAN ID and Priority Register, Section 14.5.4.21 1C15h BM_VLAN_2 Buffer Manager Port 2 Default VLAN ID and Priority Register, Section 14.5.4.22 1C16h BM_RATE_DRP_CNT_SRC_MII Buffer Manager Port 0 Ingress Rate Drop Count Register, Section 14.5.4.23 1C17h BM_RATE_DRP_CNT_SRC_1 Buffer Manager Port 1 Ingress Rate Drop Count Register, Section 14.5.4.24 1C18h BM_RATE_DRP_CNT_SRC_2 Buffer Manager Port 2 Ingress Rate Drop Count Register, Section 14.5.4.25 1C19h-1C1Fh RESERVED Reserved for Future Use 1C20h BM_IMR Buffer Manager Interrupt Mask Register, Section 14.5.4.26 Table 14.12 Indirectly Accessible Switch Control and Status Registers (continued) REGISTER # SYMBOL REGISTER NAME |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |