Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 315 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 315 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 311Page - SMSC Corporation LAN9312 Datasheet HTML 312Page - SMSC Corporation LAN9312 Datasheet HTML 313Page - SMSC Corporation LAN9312 Datasheet HTML 314Page - SMSC Corporation LAN9312 Datasheet HTML 315Page - SMSC Corporation LAN9312 Datasheet HTML 316Page - SMSC Corporation LAN9312 Datasheet HTML 317Page - SMSC Corporation LAN9312 Datasheet HTML 318Page - SMSC Corporation LAN9312 Datasheet HTML 319Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
315
Revision 1.2 (04-08-08)
DATASHEET
1801h
SWE_ALR_WR_DAT_0
Switch Engine ALR Write Data 0 Register, Section 14.5.3.2
1802h
SWE_ALR_WR_DAT_1
Switch Engine ALR Write Data 1 Register, Section 14.5.3.3
1803h-1804h
RESERVED
Reserved for Future Use
1805h
SWE_ALR_RD_DAT_0
Switch Engine ALR Read Data 0 Register, Section 14.5.3.4
1806h
SWE_ALR_RD_DAT_1
Switch Engine ALR Read Data 1 Register, Section 14.5.3.5
1807h
RESERVED
Reserved for Future Use
1808h
SWE_ALR_CMD_STS
Switch Engine ALR Command Status Register, Section 14.5.3.6
1809h
SWE_ALR_CFG
Switch Engine ALR Configuration Register, Section 14.5.3.7
180Ah
RESERVED
Reserved for Future Use
180Bh
SWE_VLAN_CMD
Switch Engine VLAN Command Register, Section 14.5.3.8
180Ch
SWE_VLAN_WR_DATA
Switch Engine VLAN Write Data Register, Section 14.5.3.9
180Dh
RESERVED
Reserved for Future Use
180Eh
SWE_VLAN_RD_DATA
Switch Engine VLAN Read Data Register, Section 14.5.3.10
180Fh
RESERVED
Reserved for Future Use
1810h
SWE_VLAN_CMD_STS
Switch Engine VLAN Command Status Register,
Section 14.5.3.11
1811h
SWE_DIFFSERV_TBL_CMD
Switch Engine DIFSERV Table Command Register,
Section 14.5.3.12
1812h
SWE_DIFFSERV_TBL_WR_DATA
Switch Engine DIFFSERV Table Write Data Register,
Section 14.5.3.13
1813h
SWE_DIFFSERV_TBL_RD_DATA
Switch Engine DIFFSERV Table Read Data Register,
Section 14.5.3.14
1814h
SWE_DIFFSERV_TBL_CMD_STS
Switch Engine DIFFSERV Table Command Status Register,
Section 14.5.3.15
1815h-183Fh
RESERVED
Reserved for Future Use
1840h
SWE_GLB_INGRESS_CFG
Switch Engine Global Ingress Configuration Register,
Section 14.5.3.16
1841h
SWE_PORT_INGRESS_CFG
Switch Engine Port Ingress Configuration Register,
Section 14.5.3.17
1842h
SWE_ADMT_ONLY_VLAN
Switch Engine Admit Only VLAN Register, Section 14.5.3.18
1843h
SWE_PORT_STATE
Switch Engine Port State Register, Section 14.5.3.19
1844h
RESERVED
Reserved for Future Use
1845h
SWE_PRI_TO_QUE
Switch Engine Priority to Queue Register, Section 14.5.3.20
1846h
SWE_PORT_MIRROR
Switch Engine Port Mirroring Register, Section 14.5.3.21
1847h
SWE_INGRESS_PORT_TYP
Switch Engine Ingress Port Type Register, Section 14.5.3.22
1848h
SWE_BCST_THROT
Switch Engine Broadcast Throttling Register, Section 14.5.3.23
Table 14.12 Indirectly Accessible Switch Control and Status Registers (continued)
REGISTER #
SYMBOL
REGISTER NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com