Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 316 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 316 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 312Page - SMSC Corporation LAN9312 Datasheet HTML 313Page - SMSC Corporation LAN9312 Datasheet HTML 314Page - SMSC Corporation LAN9312 Datasheet HTML 315Page - SMSC Corporation LAN9312 Datasheet HTML 316Page - SMSC Corporation LAN9312 Datasheet HTML 317Page - SMSC Corporation LAN9312 Datasheet HTML 318Page - SMSC Corporation LAN9312 Datasheet HTML 319Page - SMSC Corporation LAN9312 Datasheet HTML 320Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
316
SMSC LAN9312
DATASHEET
1849h
SWE_ADMT_N_MEMBER
Switch Engine Admit Non Member Register, Section 14.5.3.24
184Ah
SWE_INGRESS_RATE_CFG
Switch Engine Ingress Rate Configuration Register,
Section 14.5.3.25
184Bh
SWE_INGRESS_RATE_CMD
Switch Engine Ingress Rate Command Register,
Section 14.5.3.26
184Ch
SWE_INGRESS_RATE_CMD_STS
Switch Engine Ingress Rate Command Status Register,
Section 14.5.3.27
184Dh
SWE_INGRESS_RATE_WR_DATA
Switch Engine Ingress Rate Write Data Register,
Section 14.5.3.28
184Eh
SWE_INGRESS_RATE_RD_DATA
Switch Engine Ingress Rate Read Data Register,
Section 14.5.3.29
184Fh
RESERVED
Reserved for Future Use
1850h
SWE_FILTERED_CNT_MII
Switch Engine Port 0 Ingress Filtered Count Register,
Section 14.5.3.30
1851h
SWE_FILTERED_CNT_1
Switch Engine Port 1 Ingress Filtered Count Register,
Section 14.5.3.31
1852h
SWE_FILTERED_CNT_2
Switch Engine Port 2 Ingress Filtered Count Register,
Section 14.5.3.32
1853h-1854h
RESERVED
Reserved for Future Use
1855h
SWE_INGRESS_REGEN_TBL_MII
Switch Engine Port 0 Ingress VLAN Priority Regeneration
Register, Section 14.5.3.33
1856h
SWE_INGRESS_REGEN_TBL_1
Switch Engine Port 1 Ingress VLAN Priority Regeneration
Register, Section 14.5.3.34
1857h
SWE_INGRESS_REGEN_TBL_2
Switch Engine Port 2 Ingress VLAN Priority Regeneration
Register, Section 14.5.3.35
1858h
SWE_LRN_DISCRD_CNT_MII
Switch Engine Port 0 Learn Discard Count Register,
Section 14.5.3.36
1859h
SWE_LRN_DISCRD_CNT_1
Switch Engine Port 1 Learn Discard Count Register,
Section 14.5.3.37
185Ah
SWE_LRN_DISCRD_CNT_2
Switch Engine Port 2 Learn Discard Count Register,
Section 14.5.3.38
185Bh-187Fh
RESERVED
Reserved for Future Use
1880h
SWE_IMR
Switch Engine Interrupt Mask Register, Section 14.5.3.39
1881h
SWE_IPR
Switch Engine Interrupt Pending Register, Section 14.5.3.40
1882h-1BFFh
RESERVED
Reserved for Future Use
Buffer Manager (BM) CSRs
1C00h
BM_CFG
Buffer Manager Configuration Register, Section 14.5.4.1
1C01h
BM_DROP_LVL
Buffer Manager Drop Level Register, Section 14.5.4.2
1C02h
BM_FC_PAUSE_LVL
Buffer Manager Flow Control Pause Level Register,
Section 14.5.4.3
Table 14.12 Indirectly Accessible Switch Control and Status Registers (continued)
REGISTER #
SYMBOL
REGISTER NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com