Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 321 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 321 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 317Page - SMSC Corporation LAN9312 Datasheet HTML 318Page - SMSC Corporation LAN9312 Datasheet HTML 319Page - SMSC Corporation LAN9312 Datasheet HTML 320Page - SMSC Corporation LAN9312 Datasheet HTML 321Page - SMSC Corporation LAN9312 Datasheet HTML 322Page - SMSC Corporation LAN9312 Datasheet HTML 323Page - SMSC Corporation LAN9312 Datasheet HTML 324Page - SMSC Corporation LAN9312 Datasheet HTML 325Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
321
Revision 1.2 (04-08-08)
DATASHEET
14.5.1.3
Switch Global Interrupt Mask Register (SW_IMR)
This read/write register contains the global interrupt mask for the switch fabric interrupts. All switch
related interrupts in the Switch Global Interrupt Pending Register (SW_IPR) may be masked via this
register. An interrupt is masked by setting the corresponding bit of this register. Clearing a bit will
unmask the interrupt. When an unmasked switch fabric interrupt is generated in the Switch Global
Interrupt Pending Register (SW_IPR), the interrupt will trigger the SWITCH_INT bit in the Interrupt
Status Register (INT_STS). Refer to Chapter 5, "System Interrupts," on page 49 for more information.
Register #:
0004h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:9
RESERVED
RO
-
8:7
RESERVED
Note:
These bits must be written as 11b
R/W
11b
6
Buffer Manager Interrupt Mask (BM)
When set, prevents the generation of switch fabric interrupts due to the
Buffer Manager via the Buffer Manager Interrupt Pending Register
(BM_IPR). The status bits in the SW_IPR register are not affected.
R/W
1b
5
Switch Engine Interrupt Mask (SWE)
When set, prevents the generation of switch fabric interrupts due to the
Switch Engine via the Switch Engine Interrupt Pending Register (SWE_IPR).
The status bits in the SW_IPR register are not affected.
R/W
1b
4:3
RESERVED
Note:
These bits must be written as 11b
R/W
11b
2
Port 2 MAC Interrupt Mask (MAC_2)
When set, prevents the generation of switch fabric interrupts due to the Port
2 MAC via the MAC_IPR_2 register (see Section 14.5.2.44, on page 366).
The status bits in the SW_IPR register are not affected.
R/W
1b
1
Port 1 MAC Interrupt Mask (MAC_1)
When set, prevents the generation of switch fabric interrupts due to the Port
1 MAC via the MAC_IPR_1 register (see Section 14.5.2.44, on page 366).
The status bits in the SW_IPR register are not affected.
R/W
1b
0
Port 0 MAC Interrupt Mask (MAC_MII)
When set, prevents the generation of switch fabric interrupts due to the Port
0 MAC via the MAC_IPR_MII register (see Section 14.5.2.44, on page 366).
The status bits in the SW_IPR register are not affected.
R/W
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com