Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 323 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 323 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 319Page - SMSC Corporation LAN9312 Datasheet HTML 320Page - SMSC Corporation LAN9312 Datasheet HTML 321Page - SMSC Corporation LAN9312 Datasheet HTML 322Page - SMSC Corporation LAN9312 Datasheet HTML 323Page - SMSC Corporation LAN9312 Datasheet HTML 324Page - SMSC Corporation LAN9312 Datasheet HTML 325Page - SMSC Corporation LAN9312 Datasheet HTML 326Page - SMSC Corporation LAN9312 Datasheet HTML 327Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
323
Revision 1.2 (04-08-08)
DATASHEET
14.5.2
Switch Port 0, Port 1, and Port 2 CSRs
This section details the switch Port 0(Host MAC), Port 1, and Port 2 CSRs. Each port provides a
functionally identical set of registers which allow for the configuration of port settings, interrupts, and
the monitoring of the various packet counters.
Because the Port 0, Port 1, and Port 2 CSRs are functionally identical, their register descriptions have
been consolidated. A lowercase “x” has been appended to the end of each switch port register name
in this section, where “x” should be replaced with “MII”, “1”, or “2” for the Port 0, Port 1, or Port 2
registers respectively. A list of the Switch Port 0, Port 1, and Port 2 registers and their corresponding
register numbers is included in Table 14.12.
14.5.2.1
Port x MAC Version ID Register (MAC_VER_ID_x)
This read-only register contains switch device ID information, including the device type, chip version
and revision codes.
Register #:
Port0: 0400h
Size:
32 bits
Port1: 0800h
Port2: 0C00h
BITS
DESCRIPTION
TYPE
DEFAULT
31:12
RESERVED
RO
-
11:8
Device Type Code (DEVICE_TYPE)
RO
5h
7:4
Chip Version Code (CHIP_VERSION)
RO
8h
3:0
Revision Code (REVISION)
RO
3h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com