Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 322 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 322 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 318Page - SMSC Corporation LAN9312 Datasheet HTML 319Page - SMSC Corporation LAN9312 Datasheet HTML 320Page - SMSC Corporation LAN9312 Datasheet HTML 321Page - SMSC Corporation LAN9312 Datasheet HTML 322Page - SMSC Corporation LAN9312 Datasheet HTML 323Page - SMSC Corporation LAN9312 Datasheet HTML 324Page - SMSC Corporation LAN9312 Datasheet HTML 325Page - SMSC Corporation LAN9312 Datasheet HTML 326Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
322
SMSC LAN9312
DATASHEET
14.5.1.4
Switch Global Interrupt Pending Register (SW_IPR)
This read-only register contains the pending global interrupts for the switch fabric. A set bit indicates
an unmasked bit in the corresponding switch fabric sub-system has been triggered. All switch related
interrupts in this register may be masked via the Switch Global Interrupt Mask Register (SW_IMR)
register. When an unmasked switch fabric interrupt is generated in this register, the interrupt will trigger
the SWITCH_INT bit in the Interrupt Status Register (INT_STS). Refer to Chapter 5, "System
Interrupts," on page 49 for more information.
Register #:
0005h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:7
RESERVED
RO
-
6
Buffer Manager Interrupt (BM)
Set when any unmasked bit in the Buffer Manager Interrupt Pending
Register (BM_IPR) is triggered. This bit is cleared upon a read.
RC
0b
5
Switch Engine Interrupt (SWE)
Set when any unmasked bit in the Switch Engine Interrupt Pending Register
(SWE_IPR) is triggered. This bit is cleared upon a read.
RC
0b
4:3
RESERVED
RO
-
2
Port 2 MAC Interrupt (MAC_2)
Set when any unmasked bit in the MAC_IPR_2 register (see Section
14.5.2.44, on page 366) is triggered. This bit is cleared upon a read.
RC
0b
1
Port 1 MAC Interrupt (MAC_1)
Set when any unmasked bit in the MAC_IPR_1 register (see Section
14.5.2.44, on page 366) is triggered. This bit is cleared upon a read.
RC
0b
0
Port 0 MAC Interrupt (MAC_MII)
Set when any unmasked bit in the MAC_IPR_MII register (see Section
14.5.2.44, on page 366) is triggered. This bit is cleared upon a read.
RC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com