Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 324 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 324 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 320Page - SMSC Corporation LAN9312 Datasheet HTML 321Page - SMSC Corporation LAN9312 Datasheet HTML 322Page - SMSC Corporation LAN9312 Datasheet HTML 323Page - SMSC Corporation LAN9312 Datasheet HTML 324Page - SMSC Corporation LAN9312 Datasheet HTML 325Page - SMSC Corporation LAN9312 Datasheet HTML 326Page - SMSC Corporation LAN9312 Datasheet HTML 327Page - SMSC Corporation LAN9312 Datasheet HTML 328Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
324
SMSC LAN9312
DATASHEET
14.5.2.2
Port x MAC Receive Configuration Register (MAC_RX_CFG_x)
This read/write register configures the packet type passing parameters of the port.
Register #:
Port0: 0401h
Size:
32 bits
Port1: 0801h
Port2: 0C01h
BITS
DESCRIPTION
TYPE
DEFAULT
31:8
RESERVED
RO
-
7
RESERVED
Note:
This bit must always be written as 0.
R/W
0b
6
RESERVED
RO
-
5
Enable Receive Own Transmit
When set, the switch port will receive its own transmission if it is looped back
from the PHY. Normally, this function is only used in Half Duplex PHY
loopback.
R/W
0b
4
RESERVED
RO
-
3
Jumbo2K
When set, the maximum packet size accepted is 2048 bytes. Statistics
boundaries are also adjusted.
R/W
0b
2
RESERVED
RO
-
1
Reject MAC Types
When set, MAC control frames (packets with a type field of 8808h) are
filtered. When cleared, MAC Control frames, other than MAC Control Pause
frames, are sent to the forwarding process. MAC Control Pause frames are
always consumed by the switch.
R/W
1b
0
RX Enable
When set, the receive port is enabled. When cleared, the receive port is
disabled.
R/W
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com