Electronic Components Datasheet Search
  English  ▼

X  

JS1224LI Datasheet(PDF) 9 Page - Clarke International

Part # JS1224LI
Description  JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LI Datasheet(HTML) 9 Page - Clarke International

Back Button JS1224LI Datasheet HTML 5Page - Clarke International JS1224LI Datasheet HTML 6Page - Clarke International JS1224LI Datasheet HTML 7Page - Clarke International JS1224LI Datasheet HTML 8Page - Clarke International JS1224LI Datasheet HTML 9Page - Clarke International JS1224LI Datasheet HTML 10Page - Clarke International JS1224LI Datasheet HTML 11Page - Clarke International JS1224LI Datasheet HTML 12Page - Clarke International JS1224LI Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
JUMP STARTING A VEHICLE (12V OR 24V)
Always carry out the following preliminary checks before connecting the jump-start to
the car battery:
• Make sure that the vehicle ignition and all ancillary equipment - lighting,
radio etc, is switched off.
• Make sure that the vehicle battery is rated at 12V or 24V and is not
damaged in any way.
• Make sure that the battery terminals are clean and the clamps are firm and
secure.
• If fitted, remove any vehicle battery filler plugs and check the electrolyte
level. If necessary, top up with distilled water.
• Make sure that the area is well ventilated.
• Take great care not to touch the red positive (+) clamp against the black
negative (-) clamp.
5. Verify the jump starter is fully charged and recharge if needed.
6. Make sure that the jumpstart is OFF.
7. Turn off the vehicle ignition switch and all accessories (lights, radio, climate
control, etc.)
8. Connect the red positive (+) clamp to the positive (+) battery terminal first. Take
care the clamp does not touch any moving parts or fuel lines.
WARNING: FAILURE TO FOLLOW THE INSTRUCTIONS BELOW AND
THE SAFETY INSTRUCTIONS ON PAGES 3/4, MAY RESULT IN
PERSONAL INJURY, DAMAGE TO THE VEHICLE, OR THE
POSSIBILITY OF A BATTERY EXPLOSION. NEVER ATTEMPT JUMP
STARTING WITH DAMAGED CABLES.
CAUTION: TO AVOID DAMAGE TO THE VEHICLE'S ELECTRICAL
SYSTEM, DO NOT USE THE JUMP STARTER ON A VEHICLE THAT HAS
NO BATTERY INSTALLED.
CAUTION: DO NOT PRESS THE OVERRIDE BUTTON IF THERE IS ANY
CHARGE PRESENT IN THE VEHICLE BATTERY. IT WOULD CAUSE
PERMANENT DAMAGE TO VEHICLES' ELECTRICAL SYSTEM.
CAUTION: DO NOT TOUCH POSTIVE AND NEGATIVE BATTERY CLAMPS
TOGETHER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com