Electronic Components Datasheet Search
  English  ▼

X  

JS1224LI Datasheet(PDF) 10 Page - Clarke International

Part # JS1224LI
Description  JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LI Datasheet(HTML) 10 Page - Clarke International

Back Button JS1224LI Datasheet HTML 6Page - Clarke International JS1224LI Datasheet HTML 7Page - Clarke International JS1224LI Datasheet HTML 8Page - Clarke International JS1224LI Datasheet HTML 9Page - Clarke International JS1224LI Datasheet HTML 10Page - Clarke International JS1224LI Datasheet HTML 11Page - Clarke International JS1224LI Datasheet HTML 12Page - Clarke International JS1224LI Datasheet HTML 13Page - Clarke International JS1224LI Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
9. Connect the black negative (-) clamp to the negative (-) battery terminal or to a
suitable earthing point on the vehicle chassis ensuring the connections are firm
and secure.
10. When the correct connection has been made, the screen will show either “12V
JUMP START READY'” or “24V JUMP START READY”and the battery level.
11. Crank the engine.
12.If the vehicle does not start after 5 to 8 seconds, stop, then wait a minute
before trying again.
13. Once the engine is running, disconnect the earthed clamp FIRST i.e. that
connected to the chassis or Negative terminal etc, and return it to its storage
position, then disconnect the Positive clamp from the battery terminal, and restore
to its storage position.
14. Recharge the jump starter after use.
• If the battery is allowed to remain in a discharged state, its life may be
shortened.
• Regularly check the charge level of the battery by pressing the Power
button on the front panel.
WARNING: IT IS POSSIBLE THAT SOME ELECTRONIC EQUIPMENT
COULD BE DAMAGED BY JUMP STARTING. ALWAYS CHECK WITH
THE CAR MANUFACTURER’S HANDBOOK TO DETERMINE WHAT
PRECAUTIONS IF ANY SHOULD BE TAKEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com