Electronic Components Datasheet Search
  English  ▼

X  

JS1224LI Datasheet(PDF) 12 Page - Clarke International

Part # JS1224LI
Description  JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LI Datasheet(HTML) 12 Page - Clarke International

Back Button JS1224LI Datasheet HTML 8Page - Clarke International JS1224LI Datasheet HTML 9Page - Clarke International JS1224LI Datasheet HTML 10Page - Clarke International JS1224LI Datasheet HTML 11Page - Clarke International JS1224LI Datasheet HTML 12Page - Clarke International JS1224LI Datasheet HTML 13Page - Clarke International JS1224LI Datasheet HTML 14Page - Clarke International JS1224LI Datasheet HTML 15Page - Clarke International JS1224LI Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
10. After the vehicle is started, remove the black negative battery clamp first, then the
red positive clamp.
11. Recharge the jump starter.
TROUBLESHOOTING
If these remedies are unsuccessful, consult your Clarke dealer.
PROBLEM
CAUSE
SOLUTION
Unit beeps and screen
shows “OUTPUTS
LOCKED”
Battery clamps are
connected backwards
(reverse polarity) or there
is a short circuit.
Disconnect clamps immediately.
Connect them correctly and turn
the unit back on to resume
operation.
Unit fails to jumpstart
vehicle
Broken clamps/cable
Low battery.
Unit damaged internally
Have damaged items replaced.
Recharge the jumpstarter battery.
Take the unit to your Clarke dealer
for repair.
Screen shows
OUTPUTS LOCKED
and keeps flashing
Attempt to jumpstart
more than 3 times in a
short interval.
Jumpstart is in protection mode to
protect its self from overheating.
Wait for 2 minutes while the
battery cools down before
resuming operation.
Screen is blank with
no message shown
USB output or 12V DC
output overload or a short
circuit. Unit protection has
been tripped
Low battery.
Press power button to unlock the
unit and resume operation.
Recharge the jumpstarter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com