Electronic Components Datasheet Search
  English  ▼

X  

JS1224LI Datasheet(PDF) 11 Page - Clarke International

Part # JS1224LI
Description  JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LI Datasheet(HTML) 11 Page - Clarke International

Back Button JS1224LI Datasheet HTML 7Page - Clarke International JS1224LI Datasheet HTML 8Page - Clarke International JS1224LI Datasheet HTML 9Page - Clarke International JS1224LI Datasheet HTML 10Page - Clarke International JS1224LI Datasheet HTML 11Page - Clarke International JS1224LI Datasheet HTML 12Page - Clarke International JS1224LI Datasheet HTML 13Page - Clarke International JS1224LI Datasheet HTML 14Page - Clarke International JS1224LI Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ALARMS
If the clamps are wrongly connected to
the battery, the screen will show
“WARNING - CLAMPS
REVERSED”check all the connections
immediately.
The polarity is reversed so you need to
disconnect the unit and reverse the
clamps. Turn the unit back on and
resume operation.
If the clamps are accidently touched
together there is no alarm as the unit is protected against this situation.
USING THE OVERRIDE BUTTON
When vehicle's battery is completely dead the jump starter will not detect battery
voltage automatically. You will need determine the working voltage and “override” the
jump start.
1. Determine the voltage of the battery by referring to the vehicle owners manual and
make sure that the output voltage of the jump starter is correct.
2. Confirm the correct voltage of electrical system you are going to jump-starting is
12V or 24V.
3. Turn off the vehicle ignition switch and all accessories (lights, radio, climate
control, etc.)
4. Connect the red Positive Battery Clamp to vehicle's positive battery terminal. Then
connect the black Negative Battery Clamp to the vehicles negative battery
terminal.
5. Make sure all connections are correct.
6. Press the Override button.
7. Press and hold the correct voltage button that matches your vehicle for about 2
seconds.
• The screen will show “JUMP START READY” at the voltage you have
selected.
8. Crank the engine within 30 seconds.
9. If the vehicle does not start after 5 to 8 seconds, stop, and wait a minute before
trying again.
WARNING: DO NOT USE OVERRIDE BUTTON UNLESS THE JUMP
STARTER FAILED TO DETECT VEHICLE'S BATTERY WORKING
VOLTAGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com