Electronic Components Datasheet Search
  English  ▼

X  

EB16 Datasheet(PDF) 6 Page - LUMEL S.A.

Part # EB16
Description  MOVING-IRON METERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

EB16 Datasheet(HTML) 6 Page - LUMEL S.A.

  EB16 Datasheet HTML 1Page - LUMEL S.A. EB16 Datasheet HTML 2Page - LUMEL S.A. EB16 Datasheet HTML 3Page - LUMEL S.A. EB16 Datasheet HTML 4Page - LUMEL S.A. EB16 Datasheet HTML 5Page - LUMEL S.A. EB16 Datasheet HTML 6Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.lumel.com.pl
External dimensions of EA16, EA17, EA19, EA12 [mm]
Type a
b
c
d
e
f
g
h
i
x
y
<30A 30-60A >60A
>30A
>60A
IP65 set
EA16
48
3
43,8 44.8 5.5
53
62
67
64
75
18.7 21.6 45+0.6
54.8
EA17
72
4
64
67.5 5.5
53
62
67
64
69.5
30
25.7 68+0.7
79.6
EA19
96
4
88
91.5 5.5
53
62
67
64
69.5
30
27.2 92+0.8
103.6
EA12 144 5,5 136 137.5 8.5
53
62
67
64
69.5
30
37
138+1
lack
EA-19_en
a
b
c
e
f
g
i
5
45
20
42.4
14.6
TS35
rail
d
x
12
IP65 set
y
Fig. 5. Panel mounting way of EA12 (version IP52)
Export department:
tel.: (+48 68) 45 75 130, 45 75 131, 45 75 132
e-mail: export@lumel.com.pl
Calibration & Attestation:
e-mail: laboratorium@lumel.com.pl
Technical support:
tel.: (+48 68) 45 75 143, 45 75 141, 45 75 144, 45 75 140
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 4, 65-127 Zielona Góra, Poland
tel.: +48 68 45 75 100, fax +48 68 45 75 508
www.lumel.com.pl



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com