Electronic Components Datasheet Search
  English  ▼

X  

EB16 Datasheet(PDF) 1 Page - LUMEL S.A.

Part # EB16
Description  MOVING-IRON METERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

EB16 Datasheet(HTML) 1 Page - LUMEL S.A.

  EB16 Datasheet HTML 1Page - LUMEL S.A. EB16 Datasheet HTML 2Page - LUMEL S.A. EB16 Datasheet HTML 3Page - LUMEL S.A. EB16 Datasheet HTML 4Page - LUMEL S.A. EB16 Datasheet HTML 5Page - LUMEL S.A. EB16 Datasheet HTML 6Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.lumel.com.pl
APPLICATION
EA16, EB16, EA17, EA19 and EA12 moving-iron meters are intended
for measuring AC voltage or AC current. These meters measure the
true RMS value and their indications are highly independent of the
measured value curve shape.
EA16, EA17, EA19 and EA12 meters are designed for mounting into
panels with thickness not exceeding 25 mm in the holes according
to figure 3 and 4. EB16 meters are adapted for a fast assembly rail
mounting (35 mm rail) in compliance with EN 60715 standards.
EA16, EA17 and EA19 meters are designed to interchangeable dials.
TECHNICAL DATA
Accuracy class
1
Measuring ranges, self-consumption,
front frame dimensions,
length of scale, weight
acc. to tab. 1, 2
Rated operating conditions:
- ambient temperature
5...23...55oC
- relative air humidity
25...85%
- frequency of measured quantity
40...45...65...72 Hz
Execution of ammeters
normal scale version or version with
100% overload. Other overcurrent
scale, on request after agreement.
Additional errors according to
EN 60051-2
The interchangeable scale
The interchangeable scale is inserted and removed by the sliding gap
in the top or side of the housing.
Categories of meter climatic versions
If it is not written otherwise in the order, these meters are intended
to use in moderate climatic conditions.
On customers’ request, meters can be adapted to use in conditions
of a dry or wet tropical climat.
Then, they are marked with the T III symbol.
Requirements concerning safety acc.EN 61010-1 standard:
- installation category
III
- pollution degree
2
- maximal phase-earth
working voltage
600 V (for EA17, EA19, EA12)
300 V (for EA16)
- insulation test voltage
3310V (for EA17, EA19, EA12)
2210V (for EA16)
EA16, EB16, EA17, EA19, EA12
MOVING-IRON METERS
Ammeters andVoltmeters
EA16
EA17
EA19
EA12
EB16
Electromagnetic Compatibility:
- meters meet requirements CE mark
- noise immunity
acc. to EN 61000-6-2
- noise emissions
acc. to EN 61000-6-4
Electrical overload:
- long-term
120% In, 120% Un
- short-time current measurement
10 times for 5s
(max. 200A for EA16)
- short-term voltage measurement
2 times for 5s
(max. 1000V)
Impact resistance
- peak acceleration
15 g
- duration of impact
11 ms
Shock resistance
- range of vibration frequency
10-55-10Hz
- vibration amplitude
0.15 mm
(corresponds to 1.5 g at 50 Hz)
Protection Grade acc. to EN 60529
ensureb by:
- case:
standard
IP 52
custom-made
IP 65 - EA19, EA17, EA16
- terminals
IP 20
Case material
thermoplastic material,
self-extinguishing plastic (UL 94V-O)
Meter glass material
glass (in standard)
anti-reflective glass on request
ACCESSORIES
Screw holders - 2 pcs. (for EA16, EA17, EA19) or 4 pcs. (for EA12).
Terminal protection cover (not applicable to EB16).
Additional setting pointer
On customers request EA17 and EA19 meters can be equiped
with an additional. setting red pointer fixed on the glass.


Similar Part No. - EB16

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EB16 TEC-EB16 Datasheet
4Mb / 4P
EB16 OPTICAL SINGLE MODE AND MULTIMODE PIN AND SOCKET TERMINI
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
Ferrite Cores
logo
Ecliptek Corporation
EB16E2 ECLIPTEK-EB16E2 Datasheet
101Kb / 2P
OSCILLATOR
EB16E2C2H-40.000M ECLIPTEK-EB16E2C2H-40.000M Datasheet
101Kb / 2P
OSCILLATOR
EB16E2C2H-40.000MTR ECLIPTEK-EB16E2C2H-40.000MTR Datasheet
101Kb / 2P
OSCILLATOR
More results

Similar Description - EB16

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN7.5-2P40 FERROXCUBE-TN7.5-2P40 Datasheet
47Kb / 3P
Iron powder toroids
TN17-2P40 FERROXCUBE-TN17-2P40 Datasheet
46Kb / 3P
Iron powder toroids
TN20-13-6 FERROXCUBE-TN20-13-6 Datasheet
45Kb / 3P
Iron powder toroids
TN24-15-7.5 FERROXCUBE-TN24-15-7.5 Datasheet
46Kb / 3P
Iron powder toroids
TN27-15-11 FERROXCUBE-TN27-15-11 Datasheet
46Kb / 3P
Iron powder toroids
TN33-20-11 FERROXCUBE-TN33-20-11 Datasheet
46Kb / 3P
Iron powder toroids
logo
Fuji Electric
EDS10-45E FUJI-EDS10-45E Datasheet
73Kb / 2P
MOVING COIL TYPE INDICATOR
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
logo
Analog Technologies, In...
ATAS80 ANALOGTECHNOLOGIES-ATAS80 Datasheet
373Kb / 7P
Auto Iron
3/22/2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com