Electronic Components Datasheet Search
  English  ▼

X  

EB16 Datasheet(PDF) 3 Page - LUMEL S.A.

Part # EB16
Description  MOVING-IRON METERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

EB16 Datasheet(HTML) 3 Page - LUMEL S.A.

  EB16 Datasheet HTML 1Page - LUMEL S.A. EB16 Datasheet HTML 2Page - LUMEL S.A. EB16 Datasheet HTML 3Page - LUMEL S.A. EB16 Datasheet HTML 4Page - LUMEL S.A. EB16 Datasheet HTML 5Page - LUMEL S.A. EB16 Datasheet HTML 6Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.lumel.com.pl
Ammeters
Voltmeters
Measuring range
Transformer
Measuring range
Transformer
1 A
–
1/1
4 kV
3000/100 V
5 A
5/5
5/1
6 kV
6000/100 V
6 A
6/5
6/1
10 kV
10 000/100 V
6 A
5/5
–
15 kV
15 000/100 V
10 A
10/5
10/1
20 kV
20 000/100 V
15 A
15/5
15/1
40 kV
30 000/100 V
20 A
20/5
20/1
60 kV
60 000/100 V
30 A
30/5
30/1
150 kV
150 000/100 V
40 A
40/5
40/1
250 kV
250 000/100 V
50 A
50/5
50/1
400 kV
400 000/100 V
60 A
60/5
60/1
80 A
75/5
–
4 kV
4000/100 V
100 A
100/5
100/1
8 kV
6000/100 V
150 A
150/5
150/1
20 kV
15 000/100 V
200 A
200/5
200/1
150 kV
110 000/100 V
300 A
300/5
300/1
250 kV
220 000/100 V
400 A
400/5
400/1
500 A
500/5
500/1
600 A
600/5
600/1
800 A
800/5
–
1 kA
1000/5
1000/1
1.2 kA
1200/5
1200/1
1.5 kA
1500/5
1500/1
2 kA
2000/5
2000/1
3 kA
3000/5
3000/1
4 kA
4000/5
4000/1
5 kA
5000/5
5000/1
6 kA
6000/5
6000/1
8 kA
8000/5
8000/1
10 kA
10 000/5
10 000/1
MEASURING RANGES WITH MEASURING TRANSFORMERS
Table 2
For meters that work with current transformers, the lumel company can provide transformers as part of the assembly.
ORDERING PROCEDURE
In the order one must specify: name and type of meter, measuring range, measuring transformer data - if the meter is foreseen to co-operate
with a measuring transformer, kind of climat - only for tropical or similar to marine version, kind of holders - only for EA16 meters and eventual
additional requirements.
Example of order:
EA17 voltmeter, measuring reange 500 V, direct measurement, scale according to the scope wtihout additional requirements.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com