Electronic Components Datasheet Search
  English  ▼

X  

MB16 Datasheet(PDF) 7 Page - LUMEL S.A.

Part # MB16
Description  MOVING-COIL METERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

MB16 Datasheet(HTML) 7 Page - LUMEL S.A.

  MB16 Datasheet HTML 1Page - LUMEL S.A. MB16 Datasheet HTML 2Page - LUMEL S.A. MB16 Datasheet HTML 3Page - LUMEL S.A. MB16 Datasheet HTML 4Page - LUMEL S.A. MB16 Datasheet HTML 5Page - LUMEL S.A. MB16 Datasheet HTML 6Page - LUMEL S.A. MB16 Datasheet HTML 7Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
www.lumel.com.pl
MA-19_en
Fig. 5. Fixing of mA12 meters (version with IP52)
Code Working position
0
c3  = 90°
A
c1  = 0°
B
c2.  = 15°
C
c2.  = 30°
D
c2.  = 45°
E
c2.  = 60°
F
c2.  = 75°
H
c4.  = 105°
I
c4.  = 120°
COdINg Of The wOrkINg POsITION
Table 4
Code Working position
A
c3  = 90°
B
c1  = 0°
C
c2.  = 15°
D
c2.  = 30°
E
c2.  = 45°
F
c2.  = 60°
G
c2.  = 75°
H
c4.  = 105°
I
c4.  = 120°
Table 5
(only for MA16)
LUMEL S.A.
ul. Słubicka 4, 65-127 Zielona Góra, Poland
tel.: +48 68 45 75 100, fax +48 68 45 75 508
www.lumel.com.pl
Export department:
tel.: (+48 68) 45 75 130, 45 75 131, 45 75 132
e-mail: export@lumel.com.pl
Calibration & Attestation
:
e-mail: laboratorium@lumel.com.pl
Technical support:
tel.: (+48 68) 45 75 143, 45 75 141, 45 75 144, 45 75 140
e-mail: export@lumel.com.pl



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com