Electronic Components Datasheet Search
  English  ▼

X  

MB16 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # MB16
Description  MOVING-COIL METERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

MB16 Datasheet(HTML) 2 Page - LUMEL S.A.

  MB16 Datasheet HTML 1Page - LUMEL S.A. MB16 Datasheet HTML 2Page - LUMEL S.A. MB16 Datasheet HTML 3Page - LUMEL S.A. MB16 Datasheet HTML 4Page - LUMEL S.A. MB16 Datasheet HTML 5Page - LUMEL S.A. MB16 Datasheet HTML 6Page - LUMEL S.A. MB16 Datasheet HTML 7Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.lumel.com.pl
RANGE OF CURRENT AND CONTINUOUS VOLTAGE. INTERNAL RESISTANCE OR VOLTAGE DROP
Table 1
Frontal fame
dimensions [mm]
48 x 48
72 x 72
96 x 96
144 x 144
Scale lenght
[mm]
42
61
95
160
Weight [kg]
0.15
0.2
0.25
0.4
Type
MA16
MB16
MA17
MA19
MA12
Internal resistance ± 20% or voltage drop
Measuring
range
zero on the
side of the
scale
zero in the
middle of
the scale
zero on
the side of
the scale
zero in the
middle of
the scale
zero on the
side of the
scale
zero in the
middle of
the scale
zero on the
side of the
scale
zero in the
middle of
the scale
zero on
the side of
the scale
zero in the
middle of
the scale
100
mA
600 mV
-
600 mV
600 mV
600 mV
150
mA
400 mV
-
400 mV
400 mV
400 mV
250
mA
140 mV
-
140 mV
140 mV
140 mV
400
mA
540 mV
-
540 mV
540 mV
540 mV
600
mA
540 mV
-
540 mV
540 mV
540 mV
1 mA
37 mV
60 mV
37 mV
37 mV
37 mV
1,5 mA
196 mV
60 mV
196 mV
196 mV
196 mV
2,5 mA
196 mV
60 mV
196 mV
196 mV
196 mV
4 mA
196 mV
60 mV
196 mV
196 mV
196 mV
5 mA
196 mV
60 mV
196 mV
196 mV
196 mV
6 mA
196 mV
60 mV
196 mV
196 mV
196 mV
10 mA
196 mV
60 mV
196 mV
196 mV
196 mV
15 mA
11 mV
60 mV
11 mV
11 mV
11 mV
20 mA
60 mV
60 mV
60 mV
60 mV
60 mV
25 mA
11 mV
60 mV
11 mV
11 mV
11 mV
40 mA
60 mV
60 mV
60 mV
60 mV
60 mV
60 mA
60 mV
60 mV
60 mV
60 mV
60 mV
100 mA
60 mV
60 mV
60 mV
60 mV
60 mV
150 mA
60 mV
60 mV
60 mV
60 mV
60 mV
250 mA
60 mV
60 mV
60 mV
60 mV
60 mV
400 mA
60 mV
60 mV
60 mV
60 mV
60 mV
600 mA
60 mV
60 mV
60 mV
60 mV
60 mV
1 A
60 mV
60 mV
60 mV
60 mV
60 mV
1,5 A
60 mV
60 mV
60 mV
60 mV
60 mV
2,5 A
60 mV
60 mV
60 mV
60 mV
60 mV
4 A
60 mV
60 mV
60 mV
60 mV
60 mV
6 A
60 mV
60 mV
60 mV
60 mV
60 mV
10 A
60 mV
-
60 mV
60 mV
60 mV
15 A
60 mV
-
60 mV
60 mV
60 mV
20 A
60 mV
-
60 mV
60 mV
60 mV
25 A
60 mV
-
60 mV
60 mV
60 mV
4...20 mA
60 mV
60 mV
60 mV
60 mV
60 mV
For the connection of the shunt
... A/60 mV
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
...A/150 mV
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
60 mV
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
100 mV
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
150 mV
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
250 mV
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
400 mV
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
600 mV
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/ V
1000
W/V
1000
W/V
1000
W/ V
1000
W/ V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com