Electronic Components Datasheet Search
  English  ▼

X  

MB16 Datasheet(PDF) 5 Page - LUMEL S.A.

Part # MB16
Description  MOVING-COIL METERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

MB16 Datasheet(HTML) 5 Page - LUMEL S.A.

  MB16 Datasheet HTML 1Page - LUMEL S.A. MB16 Datasheet HTML 2Page - LUMEL S.A. MB16 Datasheet HTML 3Page - LUMEL S.A. MB16 Datasheet HTML 4Page - LUMEL S.A. MB16 Datasheet HTML 5Page - LUMEL S.A. MB16 Datasheet HTML 6Page - LUMEL S.A. MB16 Datasheet HTML 7Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.lumel.com.pl
Fig. 1. External dimensions of mB16 meter.
exTerNAL dIMeNsIONs
Fig. 2. External dimensions of mA16. mA17. mA19. mA12
a
b
c
e
f
g
i
5
45
20
42.4
14.6
TS35
rail
d
x
12
IP65 set
y
szyna
TS35
a
b
c
e
f
g
i
5
45
20
42.4
14.6
TS35
rail
d
x
12
IP65 set
y
External dimensions od MA16, MA17, MA19, MA12 [mm] meters.
Type
a
b
c
d
e
f
g
h
i
x
y
<6A
6-25A
>6A >6-25A
IP65 set
MA16
48
3
43.5
44.5
5.5
53
68
64
75
18.7
21.6
45+0.6
54.8
MA17
72
4
64
67.5
5.5
53
68
64
69.5
30
25.7
68+0.7
79.6
MA19
96
4
88
91.5
5.5
53
68
64
69.5
30
27.2
92+0.8
103.6
MA12 144
5.5
136
137.5
8.5
53
68
64
69.5
30
37
138+1
none



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com