Electronic Components Datasheet Search
  English  ▼

X  

MB16 Datasheet(PDF) 4 Page - LUMEL S.A.

Part # MB16
Description  MOVING-COIL METERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

MB16 Datasheet(HTML) 4 Page - LUMEL S.A.

  MB16 Datasheet HTML 1Page - LUMEL S.A. MB16 Datasheet HTML 2Page - LUMEL S.A. MB16 Datasheet HTML 3Page - LUMEL S.A. MB16 Datasheet HTML 4Page - LUMEL S.A. MB16 Datasheet HTML 5Page - LUMEL S.A. MB16 Datasheet HTML 6Page - LUMEL S.A. MB16 Datasheet HTML 7Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.lumel.com.pl
AC MeAsurINg rANges
Table 3
Frontal frame dimensions [mm]
72 x 72
96 x 96
144 x 144
Scale lenght [mm]
61
95
160
Remarks
Weight [kg]
0.2
0.25
0.4
Type
MA17P
MA19P
MA12P
Measuring range
Drop voltage or power consumption (self-consumption)
1 mA
2.4V
2.4V
2.4V
Rated operational range
for frequency
40...1000...10 000 Hz
1.5 mA
1.4V
1.4V
1.4V
2.5 mA
1.4V
1.4V
1.4V
4 mA
1.4V
1.4V
1.4V
6 mA
1.4V
1.4V
1.4V
10 mA
1.4V
1.4V
1.4V
15 mA
1.7 V
1.7 V
1.6 V
25 mA
40 mA
60 mA
100 mA
150 mA
1.33V
1.33V
1.33V
250 mA
0.8V
0.8V
0.8V
400 mA
0.5V
0.5V
0.5V
500 mA
1.7 V
1.7 V
1.6 V
2.5 mA
600 mA
0.33V
750mA
0.27V
0.27V
0.27V
1A*
0.20V
0.20V
0.20V
1.5A*
0.14V
0.14V
0.14V
2.5A*
0.80V
0.80V
0.80V
4A*
0.50V
0.50V
0.50V
5A*
0.40V
0.40V
0.40V
6A*
0.03V
0.03V
0.03V
10A*
0.02V
0.02V
0.02V
40 V
900 W/V
900 W/V
900 W/V
Rated operational range
for frequency
40...1000...10 000 Hz
60 V
100 V
150 V
250 V
400 V
500 V
600 V
* The scale is nonlinear and non-replaceable
OrderINg PrOCedure
In the order one must specify: name and type of meter, measuring range, shunt data if the meter is foreseen to co-operate with an interchangeable
shunt, working position and eventual additional requirements. Shunt must be ordered separately.
When ordering meters for measuring a.c. current or a.c. voltage, one must add to the meter name „rectifier” - (rectifier meter).
Example of order:
Ammeter of MA16 with a range of 40 A. for use with a shunt type B2 40 A / 60 mV. vertical position 90 °. scale according to the scope without
additional requirements. If the shunt is to be delivered with the meter. it should be placed in the order as a separate item eg. shunt B2 40 A / 60 mV.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com