Electronic Components Datasheet Search
  English  ▼

X  

M58LW032C Datasheet(PDF) 56 Page - STMicroelectronics

Part # M58LW032C
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032C Datasheet(HTML) 56 Page - STMicroelectronics

Back Button M58LW032C Datasheet HTML 52Page - STMicroelectronics M58LW032C Datasheet HTML 53Page - STMicroelectronics M58LW032C Datasheet HTML 54Page - STMicroelectronics M58LW032C Datasheet HTML 55Page - STMicroelectronics M58LW032C Datasheet HTML 56Page - STMicroelectronics M58LW032C Datasheet HTML 57Page - STMicroelectronics M58LW032C Datasheet HTML 58Page - STMicroelectronics M58LW032C Datasheet HTML 59Page - STMicroelectronics M58LW032C Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
M58LW032C
56/61
Figure 29. Protection Register Program Flowchart and Pseudo Code
Note: PR = Protection Register
Write
PR Address, PR Data
AI06159b
YES
NO
SR7 = 1
Start
Write C0h
Write FFh
Read Status Register
PR Program
Sucessful
SR1, SR4 = 0,1
VPEN Invalid Error
Protection Register
Program Error
Protection Register
Program Error
YES
YES
YES
NO
NO
NO
Protection Register Program Command
– write C0h
– write Protection Register Address,
Protection Register Data
do:
– read status register
while SR7 = 1
Read Memory Array Command:
– write FFh
If SR1 = 0, SR4 = 1 Protection Register
Program Error
SR3, SR4 = 1,1
If SR3 = 1, SR4 = 1 VPEN Invalid Error
SR1, SR4 = 1,1
If SR1 = 1, SR4 = 1 Program Error due to
Protection Register Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com