Electronic Components Datasheet Search
  English  ▼

X  

READ4656J Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # READ4656J
Description  High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ4656J Datasheet(HTML) 3 Page - Renesas Technology Corp

  READ4656J Datasheet HTML 1Page - Renesas Technology Corp READ4656J Datasheet HTML 2Page - Renesas Technology Corp READ4656J Datasheet HTML 3Page - Renesas Technology Corp READ4656J Datasheet HTML 4Page - Renesas Technology Corp READ4656J Datasheet HTML 5Page - Renesas Technology Corp READ4656J Datasheet HTML 6Page - Renesas Technology Corp READ4656J Datasheet HTML 7Page - Renesas Technology Corp READ4656J Datasheet HTML 8Page - Renesas Technology Corp READ4656J Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
READ4656J
R03DS0181EJ0100 Rev.1.00
Page 3 of 12
Dec.09.24
Absolute Maximum Ratings
<TA=-40 to +125 ˚C >
Items
Symbol
Ratings
Unit
Supply voltage Note.1
VDD
-0.1 to +36
V
Differential input voltage
VID
±2
V
Input voltage Note.2
VI
VSS -0.1 to VDD +0.1
V
Maximum output current
IO
20
mA
Power dissipation Note.3
PT
550
mW
Junction temperature
Tj
-40 to +150
˚C
Operating temp. range
TA
-40 to +125
˚C
Storage temp. range
Tstg
-55 to +150
˚C
Note 1. Please take note that reverse connection of a power supply may cause destruction.
2. Stresses above these ratings may cause permanent damage such as characteristics degradation or
destruction. Please do not exceed voltage below of VSS (GND)-0.1V as it is bottom limit. In addition,
operation amplifier is operated as normal when input voltage for electrical characteristics is in common
mode input voltage range.
3. The value is measured under mounted on a glass epoxy base board (size 100mm x 100mm, 1mm
thickness, copper foiled surface base board area with 15% solid pattern).
Note that restrictions will be made to the following conditions for each product, and the derating ratio
depending on the operating ambient temperature.
READ4656JSP: Derate at -7.0 mW/˚C when TA > 71 ˚C
(Junction – ambient thermal resistance Rth(J-A) = 144 ˚C/W)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage (VSS = GND)
VDD
+4.5
+32
V
Power Supply Voltage (Dual Supply)
VDD – VSS
±2.25
±16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com