Electronic Components Datasheet Search
  English  ▼

X  

READ4656J Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # READ4656J
Description  High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ4656J Datasheet(HTML) 4 Page - Renesas Technology Corp

  READ4656J Datasheet HTML 1Page - Renesas Technology Corp READ4656J Datasheet HTML 2Page - Renesas Technology Corp READ4656J Datasheet HTML 3Page - Renesas Technology Corp READ4656J Datasheet HTML 4Page - Renesas Technology Corp READ4656J Datasheet HTML 5Page - Renesas Technology Corp READ4656J Datasheet HTML 6Page - Renesas Technology Corp READ4656J Datasheet HTML 7Page - Renesas Technology Corp READ4656J Datasheet HTML 8Page - Renesas Technology Corp READ4656J Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
READ4656J
R03DS0181EJ0100 Rev.1.00
Page 4 of 12
Dec.09.24
Electrical Characteristics
< TA=25˚C, VDD=5.0V, VSS=GND>
Items
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input offset voltage
VIO
±3
±9
mV
Input offset current
IIO
(±1)
pA
Input bias current
IB
(±1)
pA
Output high voltage
VOH
VDD-0.3
V
IL = 10mA
Output low voltage
VOL
VSS+0.3
V
IL = 10mA
Voltage gain
AV
60
90
dB
RL≥100kΩ
Channel supply current
IDD/ch
0.7
1.0
mA
RL=∞,IO=0
Common mode
rejection ratio
CMRR
60
80
dB
Supply voltage
rejection ratio
SVRR
60
80
dB
Common mode input
voltage range
VICM
VSS
VDD-2
V
Gain bandwidth product
GBW
6
MHz
CL=20pF
Slew rate
SR
8
V/μs
CL=20pF
Channel Separation
80
dB
f = 20 Hz to 20 kHz
< TA=25˚C, VDD,SS=±15 V >
Items
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input offset voltage
VIO
±3
±12
mV
Input offset current
IIO
(±1)
pA
Input bias current
IB
(±1)
pA
Output high voltage
VOH
VDD-0.3
V
IL = 10mA
Output low voltage
VOL
VSS+0.3
V
IL = 10mA
Voltage gain
AV
60
90
dB
RL≥100kΩ
Channel supply current
IDD/ch
0.7
1.0
mA
RL=∞,IO=0
Common mode
rejection ratio
CMRR
55
80
dB
Supply voltage
rejection ratio
SVRR
60
80
dB
Common mode input
voltage range
VICM
VSS
VDD-2
V
Gain bandwidth product
GBW
6
MHz
CL=20pF
Slew rate
SR
8
V/μs
CL=20pF
Channel Separation
80
dB
f = 20 Hz to 20 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com