Electronic Components Datasheet Search
  English  ▼

X  

READ4656J Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # READ4656J
Description  High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ4656J Datasheet(HTML) 1 Page - Renesas Technology Corp

  READ4656J Datasheet HTML 1Page - Renesas Technology Corp READ4656J Datasheet HTML 2Page - Renesas Technology Corp READ4656J Datasheet HTML 3Page - Renesas Technology Corp READ4656J Datasheet HTML 4Page - Renesas Technology Corp READ4656J Datasheet HTML 5Page - Renesas Technology Corp READ4656J Datasheet HTML 6Page - Renesas Technology Corp READ4656J Datasheet HTML 7Page - Renesas Technology Corp READ4656J Datasheet HTML 8Page - Renesas Technology Corp READ4656J Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
R03DS0181EJ0100 Rev.1.00
Page 1 of 12
Dec.09.24
Datasheet
READ4656J
High Drivability & High Slew Rate, Output Full Range
High Voltage, Low Power Consumption
CMOS Quad Operational Amplifier
Description
The READ4656J is quad CMOS Operational Amplifier with AEC-Q100 compliant, which is the features the
same performance as the Bipolar products (UPC844) about the voltage resistance (power supply voltage:
36V Max.) and high slew rate (8V/µs Typ.). This IC is the output full-range product with greatly reduced
power consumption and input bias current compared to bipolar products.
Features
 AEC-Q100 Compliant
 Output full range (Rail-to-Rail output)
 Absolute Maximum Ratings
 Power Supply Voltage
VDD = -0.1 to +36V
 Operating Ambient Temperature Range
TA= -40 to +125 ˚C
 Electrical Characteristics
 Power Supply Voltage
VDD = +4.5V to +32V
 Input Offset Voltage
VIO ≤ ±9mV
 Input Bias Current
IB ≤ (1pA)
 Supply current (per channel)
IDD = 0.7 mA Typ., 1.0 mA Max.
(@VDD=5.0V TA=-40˚C to +125˚C)
 Slew Rate
SR = 8 V/μs Typ.
( ) reference value of design
Product Line-up
Package
TSSOP
Product Name(1)
READ4656JSP#GC1
READ4656JSP#HC1
Quality Level
High Quality Level
Outline
Unit : mm
(1). The taping direction is different for GC and HC.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.


Similar Part No. - READ4656J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
READ4606G RENESAS-READ4606G Datasheet
358Kb / 12P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
Rev.1.00 Dec.09.24
READ4606GSP#GC0 RENESAS-READ4606GSP#GC0 Datasheet
358Kb / 12P
High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
Rev.1.00 Dec.09.24
More results

Similar Description - READ4656J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
logo
Rohm
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
logo
Renesas Technology Corp
READ2304G RENESAS-READ2304G Datasheet
1Mb / 10P
High Drivability & High Slew Rate, Input Output Full Range,
2020.08.20
READ2354J RENESAS-READ2354J Datasheet
923Kb / 9P
High Drivability & High Slew Rate, Input Output Full Range,
2022.5.12
READ4304G RENESAS-READ4304G Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
READ4354J RENESAS-READ4354J Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com