Electronic Components Datasheet Search
  English  ▼

X  

READ4656J Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # READ4656J
Description  High Drivability & High Slew Rate, Output Full Range High Voltage, Low Power Consumption CMOS Quad Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ4656J Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button READ4656J Datasheet HTML 4Page - Renesas Technology Corp READ4656J Datasheet HTML 5Page - Renesas Technology Corp READ4656J Datasheet HTML 6Page - Renesas Technology Corp READ4656J Datasheet HTML 7Page - Renesas Technology Corp READ4656J Datasheet HTML 8Page - Renesas Technology Corp READ4656J Datasheet HTML 9Page - Renesas Technology Corp READ4656J Datasheet HTML 10Page - Renesas Technology Corp READ4656J Datasheet HTML 11Page - Renesas Technology Corp READ4656J Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
READ4656J
R03DS0181EJ0100 Rev.1.00
Page 8 of 12
Dec.09.24
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-
-
-
-
-
0
2040
6080
t -Time -[μs]
Pulse Response
TA = 25C
VDD = 5 V
VO = 0.2 V
CL = 20 pF
(Time 10 μs/div)
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-
-
-
-
-
0
20406080
t -Time -[μs]
Pulse Response
TA = 25C
VDD = 30 V
VO = 0.2 V
CL = 20 pF
(Time 10 μs/div)
TA = -40 °C
TA = 25 °C
TA = 125°C
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
0
5
10
15
20
IO SOURCE - Output Source Current - [mA]
VO vs. IO SOURCE
VDD, VSS = ±2.5 V
TA = -40 °C
TA = 25 °C
TA = 125°C
14.2
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15
15.1
15.2
0
5
10
15
20
IO SOURCE - Output Source Current - [mA]
VO vs. IO SOURCE
VDD, VSS = ±15 V
TA = -40 °C
TA = 25 °C
TA = 125°C
-2.6
-2.5
-2.4
-2.3
-2.2
-2.1
-2
-1.9
-1.8
-1.7
-1.6
0
5
10
15
20
IO SINK - Output Sink Current - [mA]
VO vs. IO SINK
VDD, VSS = ±2.5 V
TA = -40 °C
TA = 25 °C
TA = 125°C
-15.2
-15.1
-15
-14.9
-14.8
-14.7
-14.6
-14.5
-14.4
-14.3
-14.2
0
5
10
15
20
IO SINK - Output Sink Current - [mA]
VO vs. IO SINK
VDD, VSS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com