Electronic Components Datasheet Search
  English  ▼

X  

M58MR016C Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58MR016C
Description  16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR016C Datasheet(HTML) 1 Page - STMicroelectronics

  M58MR016C Datasheet HTML 1Page - STMicroelectronics M58MR016C Datasheet HTML 2Page - STMicroelectronics M58MR016C Datasheet HTML 3Page - STMicroelectronics M58MR016C Datasheet HTML 4Page - STMicroelectronics M58MR016C Datasheet HTML 5Page - STMicroelectronics M58MR016C Datasheet HTML 6Page - STMicroelectronics M58MR016C Datasheet HTML 7Page - STMicroelectronics M58MR016C Datasheet HTML 8Page - STMicroelectronics M58MR016C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
1/51
PRELIMINARY DATA
August 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M58MR016C
M58MR016D
16 Mbit (1Mb x16, Mux I/O, Dual Bank, Burst)
1.8V Supply Flash Memory
s
SUPPLY VOLTAGE
–VDD = VDDQ = 1.7V to 2.0V for Program,
Erase and Read
–VPP = 12V for fast Program (optional)
s
MULTIPLEXED ADDRESS/DATA
s
SYNCHRONOUS / ASYNCHRONOUS READ
– Burst mode Read: 40MHz
– Page mode Read (4 Words Page)
– Random Access: 100ns
s
PROGRAMMING TIME
– 10µs by Word typical
– Two or four words programming option
s
MEMORY BLOCKS
– Dual Bank Memory Array: 4/12 Mbit
– Parameter Blocks (Top or Bottom location)
s
DUAL OPERATIONS
– Read within one Bank while Program or
Erase within the other
– No delay between Read and Write operations
s
PROTECTION/SECURITY
– All Blocks protected at Power-up
– Any combination of Blocks can be protected
– 64 bit unique device identifier
– 64 bit user programmable OTP cells
– One parameter block permanently lockable
s
COMMON FLASH INTERFACE (CFI)
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Top Device Code, M58MR016C: 88DEh
– Bottom Device Code, M58MR016D: 88E0h
FBGA
TFBGA48 (ZC)
10 x 4 ball array
Figure 1. Logic Diagram
AI05228
4
A16-A19
W
ADQ0-ADQ15
VDD
M58MR016C
M58MR016D
E
VSS
16
G
RP
WP
VDDQ VPP
L
K
WAIT
BINV


Similar Part No. - M58MR016C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58MR032-ZCT STMICROELECTRONICS-M58MR032-ZCT Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58MR032C100ZC6T STMICROELECTRONICS-M58MR032C100ZC6T Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58MR032C120ZC6T STMICROELECTRONICS-M58MR032C120ZC6T Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58MR032CZC STMICROELECTRONICS-M58MR032CZC Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
More results

Similar Description - M58MR016C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Sep-2002
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Jun-2003
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
07-Mar-2002
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59MR032C STMICROELECTRONICS-M59MR032C Datasheet
352Kb / 49P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
19-Mar-2001
7782 STMICROELECTRONICS-7782 Datasheet
435Kb / 63P
32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
Sep-2002
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
logo
Numonyx B.V
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com