Electronic Components Datasheet Search
  English  ▼

X  

M58MR016C Datasheet(PDF) 4 Page - STMicroelectronics

Part # M58MR016C
Description  16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR016C Datasheet(HTML) 4 Page - STMicroelectronics

  M58MR016C Datasheet HTML 1Page - STMicroelectronics M58MR016C Datasheet HTML 2Page - STMicroelectronics M58MR016C Datasheet HTML 3Page - STMicroelectronics M58MR016C Datasheet HTML 4Page - STMicroelectronics M58MR016C Datasheet HTML 5Page - STMicroelectronics M58MR016C Datasheet HTML 6Page - STMicroelectronics M58MR016C Datasheet HTML 7Page - STMicroelectronics M58MR016C Datasheet HTML 8Page - STMicroelectronics M58MR016C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
M58MR016C, M58MR016D
4/51
The architecture includes a 128 bit Protection reg-
ister that is divided into two 64 bit segments. In the
first one is written a unique device number, while
the second one is programmable by the user. The
user programmable segment can be permanently
protected programming the bit 1 of the Protection
Lock Register (see protection register and Securi-
ty Block). The parameter block (# 0) is a security
block. It can be permanently protected by the user
programming the bit 2 of the Protection Lock Reg-
ister.
Block protection against Program or Erase pro-
vides additional data security. All blocks are pro-
tected and unlocked at Power-up. Instructions are
provided to protect or un-protect any block in the
application. A second register locks the protection
status while WP is low (see Block Locking descrip-
tion).
Table 3. Bank Size and Sectorization
Bank Size
Parameter Blocks
Main Blocks
Bank A
4 Mbit
8 blocks of 4 KWord
7 blocks of 32 KWord
Bank B
12 Mbit
-
24 blocks of 32 KWord
Figure 3. Memory Map
AI05230
512 Kbit or
32 KWord
000000h
007FFFh
512 Kbit or
32 KWord
0F0000h
0F7FFFh
Top Boot Block
Address lines A19-A0
512 Kbit or
32 KWord
0B8000h
0BFFFFh
Total of 24
Main Blocks
512 Kbit or
32 KWord
0C0000h
0C7FFFh
64 Kbit or
4 KWord
0FF000h
0FFFFFh
64 Kbit or
4 KWord
0F8000h
0F8FFFh
Total of 7
Main Blocks
Total of 8
Parameter
Blocks
Bank B
Bank A
64 Kbit or
4 KWord
000000h
000FFFh
512 Kbit or
32 KWord
038000h
03FFFFh
Bottom Boot Block
Address lines A19-A0
64 Kbit or
4 KWord
007000h
007FFFh
Total of 8
Parameter
Blocks
512 Kbit or
32 KWord
008000h
00FFFFh
512 Kbit or
32 KWord
0F8000h
0FFFFFh
512 Kbit or
32 KWord
040000h
047FFFh
Total of 7
Main Blocks
Total of 24
Main Blocks
Bank B
Bank A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com