Electronic Components Datasheet Search
  English  ▼

X  

DIO1266B Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1266B
Description  Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1266B Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1266B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DIO1266B
Version 1.2, Aug 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
6
7. Typical Characteristics
TA is 25°C, VIN = 5 V, IIN ≤ 3 A, CIN = 1 μF, COUT = 1 μF, unless otherwise noted.
Figure 3. IIN_Q vs. VIN
Figure 4. RDS(ON) vs. IOUT
Figure 5. VIN power ON (VIN = 5 V, No Load)
Figure 6. VIN power OFF (VIN = 5 V, No Load)
Figure 7. VIN power ON (VIN = 5 V, RLoad = 1.6 Ω)
Figure 8. VIN power OFF (VIN = 5 V, RLoad = 1.6 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com