Electronic Components Datasheet Search
  English  ▼

X  

DIO1266B Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1266B
Description  Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1266B Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1266B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DIO1266B
Version 1.2, Aug 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN
IN to GND (1)
-6 to 42
V
VOUT
OUT to GND
-0.3 to VIN + 0.3
V
VOVLO
OVLO to GND
-0.3 to 30
V
V#EN_ACOK
Maximum DC voltage allowed on #EN or #ACOK pin
6
V
IIN
Switch I/O current (continuous)
4.5
A
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
TL
Lead temperature (soldering, 10 seconds)
260
°C
Surge (2)
IEC 61000-4-5, surge protection
VIN
80
V
Note:
(1) Maximum reverse current to IN pin less than 6 A.
(2) No load.
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Min
Typ
Max
Unit
VIN
Supply voltage
2.5
40
V
TA
Operating temperature
-40
85
°C
IOUT
Output current
4
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com