Electronic Components Datasheet Search
  English  ▼

X  

DIO1266B Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1266B
Description  Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1266B Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1266B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DIO1266B
Version 1.2, Aug 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
4
6. Electrical Characteristics
TA = -40°C to 85°C, unless otherwise specified. Typical values are VIN = 5.0 V, IIN ≤ 3 A, CIN = 0.1 µF and TA
= 25°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN_CLAMP
Input clamping voltage
IIN = 10 mA
42
V
IQ
Input quiescent current
VIN = 5 V, #EN = 0 V
80
130
µA
IIN_Q
OVLO supply current
VOVLO = 3 V, VIN = 5 V, VOUT = 0 V
70
96
µA
VUVLO
Undervoltage trip level
VIN rising
2.25
2.4
V
VIN falling
1.95
2.1
V
VIN_OVLO
Internal overvoltage trip level
VIN rising, OVLO = GND
5.85
5.95
6.05
V
VIN falling
5.6
V
VOVLO_TH
OVLO set threshold
VIN = 2.5 V to VOVLO
1.18
1.20
1.22
V
VOVLO_RNG
Adjustable OVLO threshold range VIN = 2.5 V to VOVLO
4
22
V
VOVLO_SELECT External OVLO select threshold
0.28
0.30
0.32
V
RON
Resistance from VIN to VOUT
VIN = 5 V, IOUT = 1 A, TA = 25°C
35
40
mΩ
COUT
OUT load capacitance
VIN = 5 V
1000
µF
IOLVO
OVLO input leakage current
VOVLO = VOVLO_TH
-100
100
nA
TSD
Thermal shutdown
130
°C
TSD_HYS
Thermal shutdown hysteresis
20
°C
Digital signals
VOL
#ACOK output low voltage
ISINK = 1 mA
0.4
V
VIH_#EN
Enable high voltage
VIN = 2.5 V to VOVLO
1.2
V
VIL_#EN
Enable low voltage
VIN = 2.5 V to VOVLO
0.5
V
ILeak_ACOK
#ACOK leakage current
VACOK = 3 V, #ACOK deasserted
-0.5
0.5
µA
ILeak_#EN
#EN leakage current
VIN = 5.0 V, VOUT = Float
-1.0
1.0
µA
Timing characteristics
tDEB
Debounce time
Time from 2.5 V < VIN < VIN_OVLO
to VOUT = 0.1 × VIN
15
ms
tSTART
Soft-start time
Time from VIN = VIN_min to 0.2 ×
#ACOK, VIO = 1.8 V with 10 kΩ
Pull-up resistor
30
ms
tON
Switch turn-on time (1)
RL = 100 Ω, CL = 22 µF,
VOUT from 0.1 x VIN to 0.9 × VIN
1.5
2
4
ms
tOFF
Switch turn-off time(1)
RL = 100 Ω, CL = 0 µF,
VIN > VOVLO to VOUT = 0.8 × VIN
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com