Electronic Components Datasheet Search
  English  ▼

X  

DIO1266B Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1266B
Description  Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1266B Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1266B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DIO1266B
Version 1.2, Aug 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
I
Overvoltage Protection Load Switch
Features
Input clamping voltage:42 V (Typ.)
Integrated low-RON FET: 35 mΩ (Typ.)
4 A continuous current capability
Default overvoltage protection(OVP) threshold:
5.95 V
Fast turn-off response: 80 ns (Typ.)
Undervoltage lockout (UVLO)
Overtemperature protection (OTP)
ESD protection
−
IEC 61000-4-2 air discharge: > 15 kV
−
IEC 61000-4-2 contact discharge: > 8 kV
Surge protection
−
IEC 61000-4-5: 80 V
Negative voltage protection (-6 V)
Applications
Mobile handsets and tablets
Portable media players
MP3 players
Package Information
Part Number
Package
Body Size
DIO1266B
WLCSP-12
1.63 mm × 1.17 mm
Description
The DIO1266B features a low- RON internal FET and
an operating range of 2.5 VDC to 40 VDC (absolute
maximum of 42 VDC). The DIO1266B features
overvoltage protection that powers down the internal
FET if the input voltage exceeds the OVP threshold.
The OVP threshold is adjustable with optional
external resistors. Overtemperature protection also
powers down the device at 130°C (Typ.).
The DIO1266B is available in WLCSP-12 package. It
is specified over ambient temperature range of -40°C
to 85°C.It can be used in a wide range of applications
such as mobile phones and tablets.
Simplified Schematic


Similar Part No. - DIO1266B

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1266 DIOO-DIO1266 Datasheet
1Mb / 10P
Load Switch
Rev 1.3
DIO1266WL12 DIOO-DIO1266WL12 Datasheet
1Mb / 10P
Load Switch
Rev 1.3
More results

Similar Description - DIO1266B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
Integrated Load Switch
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
Integrated Load Switch
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
Integrated Load Switch
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU_07 Datasheet
182Kb / 8P
Load Switch Applications
logo
Sanyo Semicon Device
CPH6153 SANYO-CPH6153 Datasheet
248Kb / 4P
Load Switch Applications
logo
Torex Semiconductor
XC8102 TOREX-XC8102_15 Datasheet
379Kb / 20P
Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
Integrated Load Switch
October-2017, Rev. 4
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
Integrated Load Switch
October-2017, Rev. 3
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com