Electronic Components Datasheet Search
  English  ▼

X  

CFTP12 Datasheet(PDF) 5 Page - Clarke International

Part # CFTP12
Description  12V OIL & DIESEL PUMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFTP12 Datasheet(HTML) 5 Page - Clarke International

  CFTP12 Datasheet HTML 1Page - Clarke International CFTP12 Datasheet HTML 2Page - Clarke International CFTP12 Datasheet HTML 3Page - Clarke International CFTP12 Datasheet HTML 4Page - Clarke International CFTP12 Datasheet HTML 5Page - Clarke International CFTP12 Datasheet HTML 6Page - Clarke International CFTP12 Datasheet HTML 7Page - Clarke International CFTP12 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
Position the pump on a suitable surface in the engine bay as shown.
Only connect this pump to a 12V battery.
Ensure also that the battery terminals are clean and firmly attach the RED
clamp to the POSITIVE and the BLACK clamp to the NEGATIVE terminals
respectively.
Double check to ensure the clamps cannot be disturbed easily, and that the
WARNING: THIS IS TO AVOID THE POSSIBILITY OF SPARKING TAKING
PLACE AND THEREBY REDUCING THE RISK OF FIRE. DO NOT USE WITH
PETROL OR ANY OTHER HIGHLY FLAMMABLE LIQUID.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com