Electronic Components Datasheet Search
  English  ▼

X  

CFTP12 Datasheet(PDF) 6 Page - Clarke International

Part # CFTP12
Description  12V OIL & DIESEL PUMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFTP12 Datasheet(HTML) 6 Page - Clarke International

  CFTP12 Datasheet HTML 1Page - Clarke International CFTP12 Datasheet HTML 2Page - Clarke International CFTP12 Datasheet HTML 3Page - Clarke International CFTP12 Datasheet HTML 4Page - Clarke International CFTP12 Datasheet HTML 5Page - Clarke International CFTP12 Datasheet HTML 6Page - Clarke International CFTP12 Datasheet HTML 7Page - Clarke International CFTP12 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
setup is protected from passers by. Set the switch, at the rear of the pump to
ON (I).
Do not allow the pump to run dry for more than 30 seconds after pumping has
stopped.
MAINTENANCE
The pump requires no maintenance, but should be inspected before use to
ensure that the electric power cables and clamps are in good condition.
Ensure that the hoses used are perfectly sound.
Avoid using solvents if cleaning plastic parts, as most plastics are susceptible to
damage from various types of commercial solvents.
Store the pump in dry conditions protected from the weather.
For any problems requiring dismantling of the pump, contact your CLARKE
dealer.
SPECIFICATIONS
Please note that the details and specifications contained herein, are correct at the time
of going to print. However, CLARKE International reserve the right to change
specifications at any time without prior notice. Always consult the pump’s data plate.
Fluid Classification / Fluids to be used
Clean (motor oil, diesel)
Max. Head
0.7 m
Max. Flowrate (dependant upon
temperature/type of oil)
1.5 litres/min (diesel)
0.2 litres/min (engine oil)
Max Operating Time
30 mins
Max. Temperature of liquid being pumped
60o C (Oil) / 45o C (Diesel)
Self Priming
Yes
Weight
0.85 kg
Inlet Hose Length
1.2 m
Outlet Hose Length
1.6 m
Motor
12V DC / 9.4 A
IP Rating
IPx4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com