Electronic Components Datasheet Search
  English  ▼

X  

CFTP12 Datasheet(PDF) 3 Page - Clarke International

Part # CFTP12
Description  12V OIL & DIESEL PUMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFTP12 Datasheet(HTML) 3 Page - Clarke International

  CFTP12 Datasheet HTML 1Page - Clarke International CFTP12 Datasheet HTML 2Page - Clarke International CFTP12 Datasheet HTML 3Page - Clarke International CFTP12 Datasheet HTML 4Page - Clarke International CFTP12 Datasheet HTML 5Page - Clarke International CFTP12 Datasheet HTML 6Page - Clarke International CFTP12 Datasheet HTML 7Page - Clarke International CFTP12 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ENVIRONMENTAL RECYCLING POLICY
Through purchase of this product, the customer is taking on the
obligation to deal with the WEEE in accordance with the WEEE
regulations in relation to the treatment, recycling & recovery and
environmentally sound disposal of the WEEE.
In effect, this means that this product must not be disposed of with general
household waste. It must be disposed of according to the laws governing
Waste Electrical and Electronic Equipment (WEEE) at a recognised disposal
facility.
SAFETY PRECAUTIONS
WORK AREA
1. Keep the work area clean and well lit. Cluttered and dark areas invite
accidents.
2. Do not operate power products in explosive atmospheres such as in the
presence of flammable liquids, gasses or dust. Power products create
sparks which may ignite dust or fumes.
ELECTRICAL SAFETY
1. Do not abuse the electrical cable. Keep the cable away from sources of
heat, oil, sharp edges or moving parts. Damaged or tangled cables
increase the risk of electric shock.
PUMP SAFETY
1. DO NOT use this pump where there is a danger of fire.
2. DO NOT use to pump ANY liquid other than diesel and automotive oil.
3. ALWAYS ensure the ON/OFF switch, mounted on the rear of the pump, is in
the OFF (O) position, BEFORE connecting to the battery This is to avoid the
possibility of arcing taking place, thereby reducing the risk of fire.
4. Switch the pump OFF immediately after the task is completed.
5. Do not use the pump if the switch does not turn it on and off. Any power
product that cannot be controlled with the switch is dangerous and must
be repaired.
6. If necessary, have your pump repaired by a qualified person using
identical replacement parts. This will ensure that the safety of the product is
maintained.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com