Electronic Components Datasheet Search
  English  ▼

X  

CFTP12 Datasheet(PDF) 2 Page - Clarke International

Part # CFTP12
Description  12V OIL & DIESEL PUMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFTP12 Datasheet(HTML) 2 Page - Clarke International

  CFTP12 Datasheet HTML 1Page - Clarke International CFTP12 Datasheet HTML 2Page - Clarke International CFTP12 Datasheet HTML 3Page - Clarke International CFTP12 Datasheet HTML 4Page - Clarke International CFTP12 Datasheet HTML 5Page - Clarke International CFTP12 Datasheet HTML 6Page - Clarke International CFTP12 Datasheet HTML 7Page - Clarke International CFTP12 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Pump. The CFTP12 pump is designed
only for use with diesel fuels and automotive oil and is suitable for extracting
automotive oil from vehicle engines via the dip stick/filler hole.
It must not be used with water, petroleum fuels or alcohol, nor if small solids are
known to be in suspension.
Contents: 1 x Pump, 1 x Inlet Hose, 1 x outlet Hose, 2 x Hose Clips.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
GUARANTEE
This CLARKE product is guaranteed against faulty manufacture for a period of
12 months from the date of purchase. Please keep your receipt as proof of
purchase. This guarantee is invalid if the product is found to have been
abused or tampered with in any way, or not used for the purpose for which it
was intended.
Faulty goods should be returned to their place of purchase. No product can
be returned to us without prior permission. This guarantee does not effect your
statutory rights.
IMPORTANT
Please read all of the safety and operating instructions carefully before using
this product. The following safety symbols may be found on the product.
Keep these instructions in a safe place for future reference.
Read this instruction
booklet carefully
before use.
Wear protective gloves



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com