Electronic Components Datasheet Search
  English  ▼

X  

M68Z512 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M68Z512
Description  4 Mbit 512Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z512 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M68Z512 Datasheet HTML 4Page - STMicroelectronics M68Z512 Datasheet HTML 5Page - STMicroelectronics M68Z512 Datasheet HTML 6Page - STMicroelectronics M68Z512 Datasheet HTML 7Page - STMicroelectronics M68Z512 Datasheet HTML 8Page - STMicroelectronics M68Z512 Datasheet HTML 9Page - STMicroelectronics M68Z512 Datasheet HTML 10Page - STMicroelectronics M68Z512 Datasheet HTML 11Page - STMicroelectronics M68Z512 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
M68Z512
Figure 10. Low VCC Data Retention AC Waveforms
AI03039
DATA RETENTION MODE
tER
5V
tCDR
VCC
3V
VDR > 2.0V
E
2.2V
E
≥ VDR – 0.3V
Table 9. Low VCC Data Retention Characteristics
(TA = 0 to 70°C)
Note: 1. Typical condition: TA = 25°C.
2. See Figure 10 for measurement points. Guaranteed but not tested.
tAVAV is Read cycle time.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ICCDR
(1)
Supply Current (Data Retention)
VCC = 3V, E ≥ VCC – 0.3V
0.1
10
µA
VDR
Supply Voltage (Data Retention)
E
≥ VCC – 0.3V, f = 0
2V
tCDR
Chip Disable to Power Down
E
≥ VCC – 0.3V, f = 0
0ns
tER
(2)
Operation Recovery Time
tAVAV
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com