Electronic Components Datasheet Search
  English  ▼

X  

M68Z512 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M68Z512
Description  4 Mbit 512Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z512 Datasheet(HTML) 2 Page - STMicroelectronics

  M68Z512 Datasheet HTML 1Page - STMicroelectronics M68Z512 Datasheet HTML 2Page - STMicroelectronics M68Z512 Datasheet HTML 3Page - STMicroelectronics M68Z512 Datasheet HTML 4Page - STMicroelectronics M68Z512 Datasheet HTML 5Page - STMicroelectronics M68Z512 Datasheet HTML 6Page - STMicroelectronics M68Z512 Datasheet HTML 7Page - STMicroelectronics M68Z512 Datasheet HTML 8Page - STMicroelectronics M68Z512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M68Z512
2/12
Figure 2. TSOP Connections
DQ5
DQ6
DQ7
DQ0
VSS
DQ3
DQ4
DQ1
DQ2
A12
A15
A14
A16
A6
A17
G
W
A8
A10
A11
A9
A13
A5
A7
A2
A0
A3
A4
A1
AI03031
M68Z512
8
1
9
16
17
24
25
32
VCC
A18
E
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Up to a maximum operating VCC of 5.5V only.
3. One output at a time, not to exceed 1 second duration.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltage
–0.3 to VCC + 0.3
V
VCC
Supply Voltage
–0.3 to 7.0
V
IO
(3)
Output Current
20
mA
PD
Power Dissipation
1
W
READ MODE
The M68Z512 is in the Read mode whenever
Write Enable (W) is High with Output Enable (G)
Low, and Chip Enable (E) is asserted. This pro-
vides access to data from eight of the 4,194,304
locations in the static memory array, specified by
the 19 address inputs. Valid data will be available
at the eight output pins within tAVQV after the last
stable address, providing G is Low and E is Low.
If Chip Enable or Output Enable access times are
not met, data access will be measured from the
limiting parameter (tELQV or tGLQV) rather than the
address. Data out may be indeterminate at tELQX
and tGLQX, but data lines will always be valid at
tAVQV.
WRITE MODE
The M68Z512 is in the Write mode whenever the
W and E pins are Low. Either the Chip Enable in-
put (E) or the Write Enable input (W) must be de-
asserted during Address transitions for subse-
quent write cycles. Write begins with the concur-
rence of Chip Enable being active with W low.
Therefore, address setup time is referenced to
Write Enable and Chip Enable as tAVWL and tAVEH
respectively, and is determined by the latter occur-
ring edge.
The Write cycle can be terminated by the earlier
rising edge of E, or W.
if the Output is enabled (E = Low and G = Low),
then W will return the outputs to high impedance
within tWLQZ of its falling edge. Care must be taken
to avoid bus contention in this type of operation.
Data input must be valid for tDVWH before the ris-
ing edge of Write Enable, or for tDVEH before the
rising edge of E, whichever occurs first, and re-
main valid for tWHDX or tEHDX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com