Electronic Components Datasheet Search
  English  ▼

X  

M68Z512 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M68Z512
Description  4 Mbit 512Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z512 Datasheet(HTML) 5 Page - STMicroelectronics

  M68Z512 Datasheet HTML 1Page - STMicroelectronics M68Z512 Datasheet HTML 2Page - STMicroelectronics M68Z512 Datasheet HTML 3Page - STMicroelectronics M68Z512 Datasheet HTML 4Page - STMicroelectronics M68Z512 Datasheet HTML 5Page - STMicroelectronics M68Z512 Datasheet HTML 6Page - STMicroelectronics M68Z512 Datasheet HTML 7Page - STMicroelectronics M68Z512 Datasheet HTML 8Page - STMicroelectronics M68Z512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
M68Z512
Figure 5. Address Controlled, Read Mode AC Waveforms
Note: E = Low, G = Low, W = High.
AI03034
tAVAV
tAVQV
tAXQX
A0-A18
DQ0-DQ7
VALID
DATA VALID
Table 7. Read and Standby Modes AC Characteristics
(TA = 0 to 70°C; VCC = 5V ±10%)
Note: 1. CL = 100pF.
2. CL = 5pF.
3. At any given temperature and voltage condition, tEHQZ is less than tELQX and tGHQZ is less than tGLQX for any given device.
Symbol
Parameter
M68Z512
Unit
-70
Min
Max
tAVAV
Read Cycle Time
70
ns
tAVQV
(1)
Address Valid to Output Valid
70
ns
tELQV
(1)
Chip Enable Low to Output Valid
70
ns
tGLQV
(1)
Output Enable Low to Output Valid
35
ns
tELQX
(3)
Chip Enable Low to Output Transition
10
ns
tGLQX
(3)
Output Enable Low to Output Transition
5
ns
tEHQZ
(2,3)
Chip Enable High to Output Hi-Z
25
ns
tGHQZ
(2,3)
Output Enable High to Output Hi-Z
25
ns
tAXQX
(1)
Address Transition to Output Transition
10
ns
tPU
Chip Enable Low to Power Up
0
ns
tPD
Chip Enable High to Power Down
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com