Electronic Components Datasheet Search
  English  ▼

X  

1751973 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1751973
Description  PTS 1,5/ 4-PH-5,0 CLIP-B - PCB connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751973 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1751973 Datasheet HTML 1Page - PHOENIX CONTACT 1751973 Datasheet HTML 2Page - PHOENIX CONTACT 1751973 Datasheet HTML 3Page - PHOENIX CONTACT 1751973 Datasheet HTML 4Page - PHOENIX CONTACT 1751973 Datasheet HTML 5Page - PHOENIX CONTACT 1751973 Datasheet HTML 6Page - PHOENIX CONTACT 1751973 Datasheet HTML 7Page - PHOENIX CONTACT 1751973 Datasheet HTML 8Page - PHOENIX CONTACT 1751973 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dimensional drawing
5 mm
Pitch
5 mm
Width [w]
20 mm
Height [h]
14.25 mm
Length [l]
15.21 mm
Mounting
Mounting type
Snap-on assembly
Mechanical tests
Conductor connection
Specification
IEC 60999-1:1999-11
Result
Test passed
Test for conductor damage and slackening
Specification
IEC 60999-1:1999-11
Result
Test passed
Repeated connection and disconnection
Specification
IEC 60999-1:1999-11
Result
Test passed
Pull-out test
Specification
IEC 60999-1:1999-11
0.14 mm² / solid / > 10 N
0.14 mm² / flexible / > 10 N
2.5 mm² / solid / > 50 N
Conductor cross-section/conductor type/tractive force
setpoint/actual value
2.5 mm² / flexible / > 50 N
Insertion and withdrawal forces
Specification
IEC 60512-13-2:2006-02
Result
Test passed
No. of cycles
10
Insertion strength per pos. approx.
5 N
Withdraw strength per pos. approx.
5 N
Resistance of inscriptions
Specification
IEC 60068-2-70:1995-12
Result
Test passed
Visual inspection
PTS 1,5/ 4-PH-5,0 CLIP-B - PCB connector
1751973
https://www.phoenixcontact.com/pc/products/1751973
Jul 13, 2026, 12:18AM
Page 4 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com