Electronic Components Datasheet Search
  English  ▼

X  

1751973 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1751973
Description  PTS 1,5/ 4-PH-5,0 CLIP-B - PCB connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751973 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1751973 Datasheet HTML 1Page - PHOENIX CONTACT 1751973 Datasheet HTML 2Page - PHOENIX CONTACT 1751973 Datasheet HTML 3Page - PHOENIX CONTACT 1751973 Datasheet HTML 4Page - PHOENIX CONTACT 1751973 Datasheet HTML 5Page - PHOENIX CONTACT 1751973 Datasheet HTML 6Page - PHOENIX CONTACT 1751973 Datasheet HTML 7Page - PHOENIX CONTACT 1751973 Datasheet HTML 8Page - PHOENIX CONTACT 1751973 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Specification
IEC 60512-1-1:2002-02
Result
Test passed
Dimension check
Specification
IEC 60512-1-2:2002-02
Result
Test passed
Environmental and real-life conditions
Durability test
Specification
IEC 60512-9-1:2010-03
Impulse withstand voltage at sea level
4.8 kV
Contact resistance R1
1.3 mΩ
Contact resistance R2
1.3 mΩ
Insertion/withdrawal cycles
10
Insulation resistance, neighboring positions
> 5 MΩ
Climatic test
Specification
EN ISO 22479:2022-06
Corrosive stress
0.2 dm3 SO2 on 300 dm3/40 °C/1 cycle
Thermal stress
105 °C/168 h
Power-frequency withstand voltage
2.21 kV
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 Hz ... 60.1 Hz)
Acceleration
50 m/s² (60.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Relative humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 105 °C (dependent on the derating curve)
Electrical tests
Thermal test | Test group C
Specification
IEC 60512-5-1:2002-02
Tested number of positions
6
Insulation resistance
Specification
IEC 60512-3-1:2002-02
Insulation resistance, neighboring positions
> 5 MΩ
PTS 1,5/ 4-PH-5,0 CLIP-B - PCB connector
1751973
https://www.phoenixcontact.com/pc/products/1751973
Jul 13, 2026, 12:18AM
Page 5 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com