Electronic Components Datasheet Search
  English  ▼

X  

1751973 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1751973
Description  PTS 1,5/ 4-PH-5,0 CLIP-B - PCB connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751973 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1751973 Datasheet HTML 1Page - PHOENIX CONTACT 1751973 Datasheet HTML 2Page - PHOENIX CONTACT 1751973 Datasheet HTML 3Page - PHOENIX CONTACT 1751973 Datasheet HTML 4Page - PHOENIX CONTACT 1751973 Datasheet HTML 5Page - PHOENIX CONTACT 1751973 Datasheet HTML 6Page - PHOENIX CONTACT 1751973 Datasheet HTML 7Page - PHOENIX CONTACT 1751973 Datasheet HTML 8Page - PHOENIX CONTACT 1751973 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical data
Product properties
Product type
PCB connector
Product family
PTS 1,5/..-PH CLIP-B
Product line
COMBICON Connectors S
Number of positions
4
Pitch
5 mm
Number of rows
1
Electrical properties
Properties
Nominal current IN
10 A
Nominal voltage UN
400 V
Contact resistance
1.3 mΩ
Rated voltage (III/3)
250 V
Rated surge voltage (III/3)
4 kV
Rated voltage (III/2)
400 V
Rated surge voltage (III/2)
4 kV
Rated voltage (II/2)
630 V
Rated surge voltage (II/2)
4 kV
Connection data
Connection technology
Type
Standard
COMBICON PST 1,3
Connector system
COMBICON PST 1,3
Nominal cross section
1.5 mm²
Contact connection type
Socket
Interlock
Locking type
without
Mounting type
Latching flange
Conductor connection
Connection method
Push-in spring connection
Conductor/PCB connection direction
0 °
0.14 mm² ... 2.5 mm² (Conductor connection with open terminal
point)
Conductor cross-section rigid
0.5 mm² ... 2.5 mm² (Push-in connection)
Conductor cross-section flexible
0.14 mm² ... 2.5 mm²
Conductor cross-section AWG
26 ... 14
0.25 mm² ... 1.5 mm² (Conductor connection with open terminal
point)
Conductor cross-section, flexible, with ferrule, without plastic
sleeve
PTS 1,5/ 4-PH-5,0 CLIP-B - PCB connector
1751973
https://www.phoenixcontact.com/pc/products/1751973
Jul 13, 2026, 12:18AM
Page 2 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com