Electronic Components Datasheet Search
  English  ▼

X  

1751973 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751973
Description  PTS 1,5/ 4-PH-5,0 CLIP-B - PCB connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751973 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751973 Datasheet HTML 1Page - PHOENIX CONTACT 1751973 Datasheet HTML 2Page - PHOENIX CONTACT 1751973 Datasheet HTML 3Page - PHOENIX CONTACT 1751973 Datasheet HTML 4Page - PHOENIX CONTACT 1751973 Datasheet HTML 5Page - PHOENIX CONTACT 1751973 Datasheet HTML 6Page - PHOENIX CONTACT 1751973 Datasheet HTML 7Page - PHOENIX CONTACT 1751973 Datasheet HTML 8Page - PHOENIX CONTACT 1751973 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 10 A, rated
voltage (III/2): 400 V, contact surface: Sn, contact connection type: Socket, number of rows: 1,
number of positions: 4, product range: PTS 1,5/..-PH CLIP-B, pitch: 5 mm, connection method:
Push-in spring connection, mounting: Snap-on assembly, conductor/PCB connection direction: 0
°, plug-in system: COMBICON PST 1,3, locking: without, mounting method: Latching flange, type
of packaging: packed in cardboard
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Intuitive operation due to color-coded actuating push button
•
Internal bridging for easily looping through potentials
•
Largest possible clamping space in a small component size
•
Can be snapped into device housing thanks to CLIP geometry
•
Commercial data
Item number
1751973
Packing unit
250 pc
Minimum order quantity
250 pc
Product key
AABFRC
GTIN
4067923317734
Weight per piece (including packing)
2.683 g
Weight per piece (excluding packing)
2.44 g
Customs tariff number
85366990
Country of origin
BG
PTS 1,5/ 4-PH-5,0 CLIP-B - PCB connector
1751973
https://www.phoenixcontact.com/pc/products/1751973
Jul 13, 2026, 12:18AM
Page 1 (10)


Similar Part No. - 1751973

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1751910B1 ETC2-1751910B1 Datasheet
58Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
logo
Tyco Electronics
175194 MACOM-175194 Datasheet
2Mb / 43P
AMP Dynamic Series Connectors
logo
List of Unclassifed Man...
175194-2 ETC2-175194-2 Datasheet
10Mb / 236P
T E CON N E C T I V I T Y AT YOU R S E R V I C E
logo
Tyco Electronics
175195 MACOM-175195 Datasheet
2Mb / 43P
AMP Dynamic Series Connectors
logo
List of Unclassifed Man...
175195-2 ETC2-175195-2 Datasheet
10Mb / 236P
T E CON N E C T I V I T Y AT YOU R S E R V I C E
More results

Similar Description - 1751973

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755758 PHOENIX-1755758 Datasheet
97Kb / 4P
PT 1,5/ 4-PH-5,0 CLIP
1805562 PHOENIX-1805562 Datasheet
69Kb / 3P
Printed-circuit board connector - PTS 1,5/ 7-PH-5,0
1805588 PHOENIX-1805588 Datasheet
69Kb / 3P
Printed-circuit board connector - PTS 1,5/ 9-PH-5,0
1805520 PHOENIX-1805520 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 3-PH-5,0
09/12/2020
1805533 PHOENIX-1805533 Datasheet
109Kb / 6P
Printed-circuit board connector - PTS 1,5/ 4-PH-5,0
09/12/2020
1805559 PHOENIX-1805559 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 6-PH-5,0
09/12/2020
1848558 PHOENIX-1848558 Datasheet
117Kb / 6P
Printed-circuit board connector - PTS 1,5/ 4-PH-5,0 CLIP
09/12/2020
1848639 PHOENIX-1848639 Datasheet
116Kb / 6P
Printed-circuit board connector - PTS 1,5/12-PH-5,0 CLIP
09/12/2020
1848590 PHOENIX-1848590 Datasheet
433Kb / 12P
PTS 1,5/ 8-PH-5,0 CLIP - Printed-circuit board connector
1848532 PHOENIX-1848532 Datasheet
431Kb / 12P
PTS 1,5/ 2-PH-5,0 CLIP - Printed-circuit board connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com