| Electronic Components Datasheet Search |
|
AM261...ZFG Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 218 page ![]() – On: The input buffer is enabled. • TX (Output buffer) – Off: The output buffer is disabled. – Low: The output buffer is enabled and drives VOL. • PULL (Internal pull resistors) – Off: Internal pull resistors are turned off. – Up: Internal pull-up resistor is turned on. – Down: Internal pull-down resistor is turned on. – NA: No internal pull resistor. • An empty box, or "-" means Not Applicable. 7. Ball State After Reset (RX/TX/PULL): State of the terminal after PORz is deasserted, where RX defines the state of the input buffer, TX defines the state of the output buffer, and PULL defines the state of internal pull resistors: • RX (Input buffer) – Off: The input buffer is disabled. – On: The input buffer is enabled. • TX (Output buffer) – Off: The output buffer is disabled. – SS: The subsystem selected with MUXMODE determines the output buffer state. • PULL (Internal pull resistors) – Off: Internal pull resistors are turned off. – Up: Internal pull-up resistor is turned on. – Down: Internal pull-down resistor is turned on. – NA: No internal pull resistor. • An empty box, NA, or "-" means Not Applicable. 8. Mux Mode After Reset: The value found in this column defines the default pin multiplexed signal function after PORz is deasserted. • An empty box, NA, or "-" means Not Applicable. 9. I/O Voltage: This column describes I/O operating voltage options of the respective power supply, when applicable. • An empty box, NA, or "-" means Not Applicable. For more information, see valid operating voltage range defined for each power supply in Recommended Operating Conditions. 10. Power: The power supply of the associated I/O, when applicable. • An empty box, NA, or "-" means Not Applicable. 11. Hys: Indicates if the input buffer associated with this I/O has hysteresis: • Yes: Hysteresis Support • No: No Hysteresis Support • An empty box, NA, or "-" means Not Applicable. For more information, see the hysteresis values in Electrical Characteristics. 12. Pull Type: Indicates the presence of an internal pull-up or pull-down resistor. Internal resistors can be enabled or disabled via software. • PU: Internal pull-up Only • PD: Internal pull-down Only • PU/PD: Internal pull-up and pull-down • An empty box, NA, or "-" means No internal pull. AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 18 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |