| Electronic Components Datasheet Search |
|
AM261...ZFG Datasheet(PDF) 43 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG Datasheet(HTML) 43 Page - Texas Instruments |
|
43 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] T16 Y16 T14 W15 GPIO72 GPIO72_CFG_REG 0x5310 0120 0x0000 05F7 PR1_PRU1_GPIO1 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD MII1_RX_ER 2 I UART4_CTSn 3 I GPMC0_AD1 6 IO GPIO72 7 IO P15 W17 T15 W16 GPIO73 GPIO73_CFG_REG 0x5310 0124 0x0000 05F7 PR1_PRU1_GPIO2 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD MII1_COL 2 I UART5_TXD 3 O GPMC0_AD2 6 IO GPIO73 7 IO ADC_EXTCH_XBAROUT4 9 O R16 Y17 R15 V16 GPIO74 GPIO74_CFG_REG 0x5310 0128 0x0000 05F7 PR1_PRU1_GPIO9 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD MII1_CRS 2 I UART5_RXD 3 I GPMC0_AD9 6 IO GPIO74 7 IO ADC_EXTCH_XBAROUT5 9 O L3 T3 M1 L2 GPIO75 GPIO75_CFG_REG 0x5310 012C 0x0000 05F7 UART1_RXD 0 I Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD OSPI0_LBCLKO 1 O LIN1_RXD 4 IO OSPI1_LBCLKO 5 O GPMC0_CLK 6 IO GPIO75 7 IO M3 R4 L1 M1 GPIO76 GPIO76_CFG_REG 0x5310 0130 0x0000 05F7 UART1_TXD 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD OSPI0_DQS 1 I OSPI0_D4 2 IO LIN1_TXD 4 IO GPIO76 7 IO B6 B7 GPIO77 GPIO77_CFG_REG 0x5310 0134 0x0000 05F7 MMC0_CLK 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART0_RXD 1 I LIN0_RXD 2 IO MCAN0_RX 3 I PR1_MDIO0_MDIO 4 IO GPIO77 7 IO SDFM1_CLK0 8 I www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 43 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |