| Electronic Components Datasheet Search |
|
AM261...ZFG Datasheet(PDF) 84 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG Datasheet(HTML) 84 Page - Texas Instruments |
|
84 / 218 page ![]() 6 Specifications 6.1 Absolute Maximum Ratings over operating junction temperature range (unless otherwise noted)(1) (2) PARAMETER MIN MAX UNIT VDD SOC VDD core supply –0.5 1.5 V VDDAR1 SRAM Array Supply 1 –0.5 1.5 V VDDAR2 SRAM Array Supply 2 –0.5 1.5 V VDDAR3 SRAM Array Supply 3 –0.5 1.5 V VDDS18 1.8V IO Bias Supply from Bias LDO routed through Board –0.5 2.1 V VDDS33 3.3V IO Supply –0.5 4.0 V VDDA18_OSC_PLL 1.8V Analog Supply for PLL. Routed from the 1.8V Analog LDO out through Board –0.5 2.1 V VDDA33 Analog 3.3V Supply –0.5 4.0 V VDDA18 1.8V Analog Supply. Routed from the 1.8V Analog LDO out through Board –0.5 2.1 V IO Pin Steady State Voltage 3.3V LVCMOS IO Buffer –0.3 VDDS33(3) + 0.3 V 3.3V I2C Open-Drain IO Buffers –0.3 VDDS33(3) + 0.3 V XTAL Pad –0.5 2.1 V Transient Overshoot and Undershoot All Other IO Terminals –0.3 VDDS33(3) + 0.2 × VDDS33(3) for up to 20% of signal period V XTAL Pad 20% of VDDA18_OSC_PLL for up to 20% of signal period 0.2 × VDDA18_OSC_PLL V Latch Up Performance Class II (150°C) Latch-up I-test Performance (Current-Pulse Injection on each IO pin) ±100(5) mA Latch-up Overvoltage Performance (Voltage Injection on each IO pin) 1.5 × VDDS33 V Output current Digital output (per pin), IOUT –20 20 mA Storage temperature(4) Tstg –55 155 °C (1) Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime. (2) All voltage values are with respect to VSS, unless otherwise noted. (3) VDDS33 is the voltage on the corresponding power-supply pin(s) for the IC. (4) Long-term high-temperature storage or extended use at maximum temperature conditions may result in a reduction of overall device life. For additional information, see the Semiconductor and IC Package Thermal Metrics Application Report. (5) The LVCMOS pins GPIO77, GPIO118, GPIO106, GPIO103, GPIO89, GPIO91, TMS can withstand Latch-up Current Pulse Injection on each IO pin to levels of upto ±50mA. AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 84 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |