| Electronic Components Datasheet Search |
|
AM261...ZFG Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] H1 J3 GPIO65 GPIO65_CFG_REG 0x5310 0104 0x0000 05F7 OSPI0_ECC_FAIL 0 I Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD UART2_CTSn 1 I OSPI0_RESET_OUT1 2 O I2C1_SDA 3 IO UART4_RXD 4 I OSPI0_CSn0 6 O GPIO65 7 IO J1 K2 G3 GPIO66 GPIO66_CFG_REG 0x5310 0108 0x0000 05F7 OSPI0_RESET_OUT0 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD UART3_RTSn 1 O I2C1_SCL 3 IO UART2_RXD 4 I OSPI0_D1 6 IO GPIO66 7 IO K2 K1 G2 G2 GPIO67 GPIO67_CFG_REG 0x5310 010C 0x0000 05F7 PR1_PRU0_GPIO0 0 IO Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD OSPI0_D5 2 IO UART3_CTSn 3 I GPIO67 7 IO J4 L4 H3 H1 GPIO68 GPIO68_CFG_REG 0x5310 0110 0x0000 05F7 PR1_PRU0_GPIO1 0 IO Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD OSPI0_D7 2 IO UART1_DCDn 3 I GPIO68 7 IO K4 L1 H2 H2 GPIO69 GPIO69_CFG_REG 0x5310 0114 0x0000 05F7 PR1_PRU0_GPIO2 0 IO Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD OSPI0_D3 2 IO UART1_RIn 3 I GPIO69 7 IO K3 M2 G1 J1 GPIO70 GPIO70_CFG_REG 0x5310 0118 0x0000 05F7 PR1_PRU0_GPIO9 0 IO Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD OSPI0_D1 2 IO UART1_DTRn 3 O UART3_CTSn 4 I OSPI1_D1 5 IO OSPI0_ECC_FAIL 6 I GPIO70 7 IO V17 W16 R14 V15 GPIO71 GPIO71_CFG_REG 0x5310 011C 0x0000 05F7 PR1_PRU1_GPIO0 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART1_DSRn 1 I UART4_RTSn 3 O GPMC0_AD0 6 IO GPIO71 7 IO AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 42 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |