| Electronic Components Datasheet Search |
|
AM261...ZFG Datasheet(PDF) 103 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG Datasheet(HTML) 103 Page - Texas Instruments |
|
103 / 218 page ![]() 6.11.2 Power Supply Sequencing This section describes power supply sequencing required to ensure proper device operation. Note Please note that depending on the speed grade of the device, the VDD core voltage supply is different. This section uses the 1.2V/1.25V notation to reference this difference. For your specific device, please reference Recommended Operating Connections and Operating Performance Points for more information. 6.11.2.1 Power-On and Reset Sequencing As with previous AM26x devices, AM261x has no sequencing requirement with respect to the primary core digital VDD 1.2V/1.25V and I/O power 3.3V rails. There are two on-die LDO that are supplied through the VDDS33 and VDDA33 power nets respectively. These on-die LDO generate the required VDDS1V8 and VDDA1V8 1.8V digital and analog power. The AM261x does require the minimum ramp time be respected for 3.3V power-on. Additional PORz and SOP boot mode latch timing must be respected by the EVM design as well. Power-On Sequencing describes the device power-on sequencing. Table 6-2. AM261x Power-On Sequencing PARAMETER MIN MAX UNIT tRAMP_3V3 Minimal ramp time for the 3.3V digital VDDSHV_x power nets. Measured from GND to VDDSHV_x 3,.V nominal 100 – μs tRAMP_1V8 Minimal ramp time for the 1.8V digital VDDSHV_x power nets. Measured from GND to VDDSHV_x 1.8V nominal. 100 – μs tRAMP_1V2 Minimal ramp time for the 1.2V/1.25V core digital VDD and power nets. Measured from GND to VDD 1.2V/1.25V nominal. 100 – μs tDELAY_3V3 Minimal delay between when the VDDSHV_x 3.3V power is at nominal voltage until the VDDSHV_x 1.8V and VDD 1.2V/1.25V nets are enabled. (1) – μs tDELAY_PG Minimal time between when VDDSHV_x 3.3V, VDDSHV_x 1.8V and VDD 1.2V/1.25V rails are all detected valid at nominal voltage before PORz signal can be transitioned from low to high voltage. – – μs tSOP_Sampled Time from PORz de-assertion until the SOP[3:0] pins are sampled. This is a device internal pentameter. Sampling happens when the internally generated supplies are stable. For information only. Refer to TSU_SOP and TH_SOP parameters for application usage. 0 – μs tSU_SOP Setup time for SOP relative to PORz assertion. 20 – μs tH_SOP Hold time for SOP relative to WARMRSTn deassertion. 0 – μs tWARMRSTn Time from PORz de-assertion until the device de-asserts the WARMRESETn signal. 2.0 – ms (1) When using 1.8V OSPI flash, there is a minimum tDELAY_3V3 value of 50μs. www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 103 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |